Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87701VHC Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87701VHC
Description  5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87701VHC Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87701VHC Datasheet HTML 4Page - Micrel Semiconductor SY87701VHC Datasheet HTML 5Page - Micrel Semiconductor SY87701VHC Datasheet HTML 6Page - Micrel Semiconductor SY87701VHC Datasheet HTML 7Page - Micrel Semiconductor SY87701VHC Datasheet HTML 8Page - Micrel Semiconductor SY87701VHC Datasheet HTML 9Page - Micrel Semiconductor SY87701VHC Datasheet HTML 10Page - Micrel Semiconductor SY87701VHC Datasheet HTML 11Page - Micrel Semiconductor SY87701VHC Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SY87701V
8
Micrel, Inc.
M9999-073008
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
fVCO
VCO Center Frequency
750
1250
MHz
fREFCLK × Byte Rate
∆f
VCO
VCO Center Frequency
5
%
Nominal
Tolerance
tACQ
Acquisition Lock Time
——
15
µs
tCPWH
REFCLK Pulse Width HIGH
4
——
ns
tCPWL
REFCLK Pulse Width LOW
4
——
ns
tir
REFCLK Input Rise Time
0.5
2
ns
tODC
Output Duty Cycle (RCLK/TCLK)
45
55
% of UI
tr
ECL Output Rise/Fall Time
100
500
ps
50
Ω to V
CC –2
tf
(20% to 80%)
tSKEW
Recovered Clock Skew
–200
+200
ps
tDV
Data Valid
1/(2
×f
RCLK) – 200
——
ps
tDH
Data Hold
1/(2
×f
RCLK) – 200
——
ps
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
V
CC
V
VIL
Input LOW Voltage
——
0.8
V
VOH
Output HIGH Voltage
2.0
——
VIOH = –0.4mA
VOL
Output LOW Voltage
——
0.5
V
IOL = 4mA
IIH
Input HIGH Current
–175
——
µAV
IN = 2.7V, VCC = Max.
——
+100
µAV
IN = VCC, VCC = Max.
IIL
Input LOW Current
–300
——
µAV
IN = 0.5V, VCC = Max.
IOS
Output Short Circuit Current
15
100
mA
VOUT = 0V (maximum 1sec)
V
CC = VCCO = VCCA = 3.3V ±5% or 5.0V ±5%; TA = 0°C to + 85°C for 32-TQFP, TC = 0°C to 70°C for SOIC.
TTL DC ELECTRICAL CHARACTERISTICS
V
CC = VCCO = VCCA = 3.3V ±5% or 5.0V ±5%; TA = 0°C to + 85°C for 32-TQFP, TC = 0°C to 70°C for SOIC.
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VIH
Input HIGH Voltage
VCC –1.165
VCC –0.880
V
VIL
Input LOW Voltage
VCC –1.810
VCC –1.475
V
VOH
Output HIGH Voltage
VCC –1.075
VCC –0.830
V
50
Ω to V
CC –2V
VOL
Output LOW Voltage
VCC –1.860
VCC –1.570
V
50
Ω to V
CC –2V
IIL
Input LOW Current
0.5
——
µAV
IN = VIL(Min.)
VCC = VCCO = VCCA = 3.3V ±5% or 5.0V ±5%; TA = 0°C to +85°C
PECL 100K DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
3.15
3.3
3.45
V
4.75
5.0
5.25
V
ICC
Power Supply Current
170
230
mA
DC ELECTRICAL CHARACTERISTICS
VCC = VCCO = VCCA = 3.3V ±5% or 5.0V ±5%, TA = 0°C to + 85°C for 32-TQFP, TC = 0°C to 70°C for SOIC.


Similar Part No. - SY87701VHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701VHC MICREL-SY87701VHC Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701VHC MICREL-SY87701VHC Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701VHCTR MICREL-SY87701VHCTR Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
More results

Similar Description - SY87701VHC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87701V MICREL-SY87701V Datasheet
152Kb / 12P
   5V/3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701V MICREL-SY87701V_06 Datasheet
151Kb / 15P
   5V/3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L Datasheet
152Kb / 12P
   3.3V 32-1250Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_06 Datasheet
150Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V Datasheet
152Kb / 12P
   5V/3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_08 Datasheet
145Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700V MICREL-SY87700V_06 Datasheet
575Kb / 15P
   5V/3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L Datasheet
151Kb / 12P
   3.3V 32-175Mbps AnyRate??CLOCK AND DATA RECOVERY
SY87700L MICREL-SY87700L_06 Datasheet
569Kb / 14P
   3.3V 32-175Mbps AnyRate CLOCK AND DATA RECOVERY
SY87701L MICREL-SY87701L_11 Datasheet
152Kb / 14P
   3.3V 32-1250Mbps AnyRate CLOCK AND DATA RECOVERY Use lower-power SY87701AL for new designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com