Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87721LHI Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY87721LHI
Description  CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87721LHI Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY87721LHI Datasheet HTML 2Page - Micrel Semiconductor SY87721LHI Datasheet HTML 3Page - Micrel Semiconductor SY87721LHI Datasheet HTML 4Page - Micrel Semiconductor SY87721LHI Datasheet HTML 5Page - Micrel Semiconductor SY87721LHI Datasheet HTML 6Page - Micrel Semiconductor SY87721LHI Datasheet HTML 7Page - Micrel Semiconductor SY87721LHI Datasheet HTML 8Page - Micrel Semiconductor SY87721LHI Datasheet HTML 9Page - Micrel Semiconductor SY87721LHI Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SY87721L
6
Micrel, Inc.
M9999-012508
hbwhelp@micrel.com or (408) 955-1690
OUTPUTS
BRD
± [Buffered Recovered Data] – Differential CML Output
The signal is either a buffered RDIN
± or RDOUTC±,
depending on the state of the BRDMX input. This allows a
user to selectively bypass the CDR or not, as warranted by
architecture. This CML output has a voltage swing of 400mV
loaded.
LFIN [Link Fault Indicate] – O.C. TTL Output
This output indicates the status of the input data stream
RDIN. Active HIGH indicates that the internal clock recovery
PLL has locked onto the incoming data stream. LFIN will go
HIGH if CD is HIGH and RDIN is within the frequency range
of the Receive PLL (as per ALRSEL). LFIN is an
asynchronous output.
RDOUTE
± [Receive Data Out] – Differential PECL Output
These ECL 100K outputs (+3.3V referenced) represent
the recovered data from the input data stream (RDIN). It is
specified on the rising edge of RCLK.
RDOUTC
± [Receive Data Out] – Differential CML Output
This is the CML version of RDOUTE
±.
RCLKE
± [Receive Clock Out] – Differential PECL Output
These ECL 100K outputs (+3.3V referenced) represent
the recovered clock used to sample the recovered data
(RDOUT).
RCLKC
± [Receive Clock Out] – Differential CML Output
This is the CML version of RCLKE
±.
TCLKE
± [Transmit Clock Out] – Differential PECL Output
These ECL 100K outputs (+3.3V referenced) represent
either the recovered clock (CLKSEL = HIGH) used to sample
the recovered data (RDOUT) or the transmit clock of the
frequency synthesizer (CLKSEL = LOW).
TCLKC
± [Transmit Clock Out] – Differential CML Output
This is the CML version of TCLKE
±.
PLLSN+, PLLSN– [Clock Synthesis Loop Filter]
External loop filter pins for the clock synthesis narrow
band PLL.
PLLSW+, PLLSW– [Clock Synthesis Loop Filter]
External loop filter pins for the clock synthesis wide band
PLL.
PLLRN+, PLLRN– [Clock Recovery Loop Filter]
External loop filter pins for the clock recovery narrow
band PLL.
PLLRW+, PLLRW– [Clock Recovery Loop Filter]
External loop filter pins for the clock recovery wide band
PLL.
OTHERS
VCC
Supply Voltage
VCCO
Output Supply Voltage
VCCA
Analog Supply Voltage
GND
Ground
GNDA
Analog Ground
NC
These pins are for factory test, and are to be
left unconnected during normal use.


Similar Part No. - SY87721LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87721LHI MICREL-SY87721LHI Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHITR MICREL-SY87721LHITR Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
More results

Similar Description - SY87721LHI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
AMI SEMICONDUCTOR
AMIS-52100 AMI-AMIS-52100 Datasheet
1Mb / 26P
   Transceiver with Clock and Data Recovery
logo
Keysight Technologies
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
   Clock Recovery Unit
logo
Vitesse Semiconductor C...
VSC1235 VITESSE-VSC1235 Datasheet
420Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
logo
Maxim Integrated Produc...
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
   10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com