Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87721L Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY87721L
Description  CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87721L Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY87721L_08 Datasheet HTML 1Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 2Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 3Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 4Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 5Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 6Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 7Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 8Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SY87721L
2
Micrel, Inc.
M9999-012508
hbwhelp@micrel.com or (408) 955-1690
VCOSEL1
PLLRN+
PLLRN—
NC
PLLRW+
PLLRW—
NC
VCCA
GNDA
PLLSW—
PLLSW+
NC
PLLSN—
PLLSN+
NC
NC
GND
ENPECL
RDOUTE+
RDOUTE—
RDOUTC+
RDOUTC—
VCCO
RCLKE+
RCLKE—
RCLKC+
RCLKC—
VCCO
TCLKE+
TCLKE—
TCLKC+
TCLKC—
64
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64-Pin
EPAD-TQFP
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY87721LHI
H64-1
Industrial
SY87721LHI
Sn-Pb
SY87721LHITR(2)
H64-1
Industrial
SY87721LHI
Sn-Pb
SY87721LHY(3)
H64-1
Industrial
SY87721LHY with
Pb-Free
Pb-Free bar-line indicator Matte-Sn
SY87721LHYTR(2, 3)
H64-1
Industrial
SY87721LHY with
Pb-Free
Pb-Free bar-line indicator Matte-Sn
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Recommended for new designs.


Similar Part No. - SY87721L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87721LHG MICREL-SY87721LHG Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHGTR MICREL-SY87721LHGTR Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHI MICREL-SY87721LHI Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHITR MICREL-SY87721LHITR Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
More results

Similar Description - SY87721L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
AMI SEMICONDUCTOR
AMIS-52100 AMI-AMIS-52100 Datasheet
1Mb / 26P
   Transceiver with Clock and Data Recovery
logo
Keysight Technologies
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
   Clock Recovery Unit
logo
Vitesse Semiconductor C...
VSC1235 VITESSE-VSC1235 Datasheet
420Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
logo
Maxim Integrated Produc...
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
   10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com