Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87721L Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY87721L
Description  CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87721L Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY87721L_08 Datasheet HTML 6Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 7Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 8Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 9Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 10Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 11Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 12Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 13Page - Micrel Semiconductor SY87721L_08 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SY87721L
10
Micrel, Inc.
M9999-012508
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
IH
Input HIGH Voltage
2.0
——
V
V
IL
Input LOW Voltage
——
0.8
V
I
IH
Input HIGH Current
——
+20
µAV
IN = 2.7V, VCC = 3.45V
——
+100
µAV
IN = VCC, VCC = 3.45V
I
IL
Input LOW Current
–300
——
µAV
IN = 0.5V, VCC = Max.
I
OLK
Output Leakage Current
——
500
µAV
OUT = VCC
V
OL
Output LOW Voltage
——
0.5
V
I
OL = 4mA
V
CC =VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
TTL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
TCLK Output Jitter
——
0.01
UI rms
REFCLK Multiplier
≤16
VCOSEL = 0, 0
Frequency Difference,
500
1500
ppm
ALRSEL High
LFIN shows Out of Lock
Frequency Difference,
4500
6500
ppm
ALRSEL Low
LFIN shows Out of Lock
RDIN Maximum Data Rate
2.7
——
Gbps
REFCLK Maximum Frequency
——
340
MHz
t
CPWH
REFCLK Pulse Width High
1.2
——
ns
t
CPWL
REFCLK Pulse Width Low
1.2
——
ns
t
IRF
REFCLK Input Rise/Fall Time
——
1.0
ns
(20% to 80%)
t
ODC
Output Duty Cycle (RCLK/TCLK)
45
55
% of UI
t
RE
ECL Output Rise/Fall Time
——
600
ps
50
Ω to V
CC–2V
t
FE
(20% to 80%)
t
RC
CML Output Rise/Fall Time
——
120
ps
50
Ω Load
t
FC
(20% to 80%)
t
DV
Data Valid
100
——
ps
t
DH
Data Hold
100
——
ps
V
CC =VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
AC ELECTRICAL CHARACTERISTICS


Similar Part No. - SY87721L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87721LHG MICREL-SY87721LHG Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHGTR MICREL-SY87721LHGTR Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHI MICREL-SY87721LHI Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
SY87721LHITR MICREL-SY87721LHITR Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
More results

Similar Description - SY87721L_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87721L MICREL-SY87721L Datasheet
160Kb / 15P
   3.3V 28Mbps-2.7Gbps ANYRATE CLOCK AND DATA RECOVERY WITH INTEGRATED CLOCK MULTIPLIER UNIT
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
[Old version datasheet]   Clock Buffer and Clock Multiplier
logo
AMI SEMICONDUCTOR
AMIS-52100 AMI-AMIS-52100 Datasheet
1Mb / 26P
   Transceiver with Clock and Data Recovery
logo
Keysight Technologies
N4982A KEYSIGHT-N4982A Datasheet
1Mb / 8P
   Clock Recovery Unit
logo
Vitesse Semiconductor C...
VSC1235 VITESSE-VSC1235 Datasheet
420Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
VSC1237 VITESSE-VSC1237 Datasheet
455Kb / 2P
   9.9 to 12.5 Gbps 16:1 Multiplexer with Clock Multiplier Unit and Demultiplexer with Clock Recovery Chip Set
logo
Maxim Integrated Produc...
MAX3992 MAXIM-MAX3992 Datasheet
271Kb / 12P
   10Gbps Clock and Data Recovery with Equalizer
19-3496; Rev 2; 11/06
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2804 AD-ADN2804 Datasheet
460Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. 0
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com