Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC662308A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC662308A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662308A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC662308A Datasheet HTML 6Page - Sanyo Semicon Device LC662308A Datasheet HTML 7Page - Sanyo Semicon Device LC662308A Datasheet HTML 8Page - Sanyo Semicon Device LC662308A Datasheet HTML 9Page - Sanyo Semicon Device LC662308A Datasheet HTML 10Page - Sanyo Semicon Device LC662308A Datasheet HTML 11Page - Sanyo Semicon Device LC662308A Datasheet HTML 12Page - Sanyo Semicon Device LC662308A Datasheet HTML 13Page - Sanyo Semicon Device LC662308A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 2.5 to 5.5 V unless otherwise specified.
No. 5484-10/21
LC66354C, 66356C, 66358C
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
P2, P3 (except for the P33/HOLD pin),
IIH1
P4, P5, and P6: VIN = 13.5 V, with the output
5.0
µA
1
Nch transistor off
Input high-level current
IIH2
P0, P1, PC, OSC1, RES, P33/HOLD:
1.0
µA
1
VIN = VDD, with the output Nch transistor off
IIH3
PD, PE, PC2, PC3: VIN = VDD,
1.0
µA
1
with the output Nch transistor off
IIL1
Input ports other than PD, PE, PC2, and PC3:
–1.0
µA
2
Input low-level current
VIN = VSS, with the output Nch transistor off
IIL2
PC2, PC3, PD, PE: VIN = VSS,
–1.0
µA
2
with the output Nch transistor off
P2, P3 (except for the P33/HOLD pin),
V
DD – 1.0
V
OH1
P6, and PC: IOH = –1 mA
V3
P2, P3 (except for the P33/HOLD pin),
V
DD – 0.5
Output high-level voltage
P6, and PC: IOH = –0.1 mA
V
OH2
P0, P1, P4, P5: IOH = –50 µA
VDD – 1.0
V4
P0, P1, P4, P5: IOH = –30 µA
VDD – 0.5
Output pull-up current
IPO
P0, P1, P4, P5: VIN = VSS, VDD = 5.5 V
–1.6
mA
4
VOL1
P0, P1, P2, P3, P4, P5, P6, and PC
0.4
V
5
Output low-level voltage
(except for the P33/HOLD pin): IOL = 1.6 mA
VOL2
P0, P1, P2, P3, P4, P5, P6, and PC
1.5
V
(except for the P33/HOLD pin): IOL = 8 mA
Output off leakage current
IOFF1
P2, P3, P4, P5, P6: VIN = 13.5 V
5.0
µA
5
IOFF2
P0, P1, PC: VIN = VDD
1.0
µA
5
VOFF1
PD1 to PD3: VIN = VSS to VDD – 1.5 V,
±50
±300
mV
Comparator offset voltage
VDD = 3.0 to 5.5 V
VOFF2
PD0: VIN = 1.5 to VDD, VDD = 3.0 to 5.5 V
±50
±300
mV
[Schmitt characteristics]
Hysteresis voltage
VHIS
0.1 VDD
High-level threshold voltage
Vt H
P2, P3, P5, P6, OSC1 (EXT), RES
0.5 VDD
0.8 VDD
V
Low-level threshold voltage
Vt L
0.2 VDD
0.5 VDD
V
[Ceramic oscillator]
Oscillator frequency
fCF
OSC1, OSC2: Figure 2, 4 MHz
4.0
MHz
Oscillator stabilization time
fCFS
Figure 3, 4 MHz
10
ms
[Serial clock]
Cycle time
Input
t
CKCY
0.9
µs
Output
2.0
Tcyc
Low-level and high-level
Input
tCKL
0.4
µs
pulse widths
Output
tCKH
1.0
Tcyc
Rise an fall times
Output
tCKR, tCKF
0.1
µs
[Serial input]
Data setup time
tICK
0.3
µs
Data hold time
tCKI
0.3
µs
[Serial output]
SO0, SO1: With the timing of Figure 4 and
Output delay time
tCKO
the test load of Figure 5. Stipulated with respect
0.3
to the falling edge (
↓) of SCK0 or SCK1.
SI0, SI1: With the timing of Figure 4.
Stipulated with respect to the rising edge (
↑) of
SCK0 or SCK1.
SCK0, SCK1: With the timing of Figure 4 and
the test load of Figure 5.
Continued on next page.


Similar Part No. - LC662308A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662308A SANYO-LC662308A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662308A SANYO-LC662308A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Similar Description - LC662308A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com