Electronic Components Datasheet Search |
|
SY69754ALHGTR Datasheet(PDF) 3 Page - Micrel Semiconductor |
|
SY69754ALHGTR Datasheet(HTML) 3 Page - Micrel Semiconductor |
3 / 14 page Micrel, Inc. SY69754AL August 2007 3 M9999-082107-E hbwhelp@micrel.com or (408) 955-1690 Pin Description Inputs Pin Number Pin Name Type Pin Name 2 3 RDINP RDINN Differential PECL Serial Data Input: These built-in line receiver inputs are connected to the differential receive serial data stream. An internal receive PLL recovers the embedded clock (RCLK) and data (RDOUT) information. 5 REFCLK TTL Input Reference Clock: This input is used as the reference for the internal frequency synthesizer and the "training" frequency for the receiver PLL to keep it centered in the absence of data coming in on the RDIN inputs. 26 CD PECL Input Carrier Detect: This input controls the recovery function of the Receive PLL and can be driven by the carrier detect output of optical modules or from external transition detection circuitry. When this input is HIGH, the input data stream (RDIN) is recovered normally by the Receive PLL. When this input is LOW the data on the inputs RDIN will be internally forced to a constant LOW, the data outputs RDOUT will remain LOW, the Link Fault Indicator output LFIN forced LOW and the clock recovery PLL forced to look onto the clock frequency generated from REFCLK. 32 25 DIVSEL1 DIVSEL2 TTL Input Divider Select: These inputs select the ratio between the output clock frequency (RCLK/TCLK) and the REFCLK input frequency as shown in the “Reference Frequency Selection” table. 16 CLKSEL TTL Input Clock Select: This input is used to select either the recovered clock of the receiver PLL (CLKSEL = HIGH) or the clock of the frequency synthesizer (CLKSEL = LOW) to the TCLK outputs. Outputs Pin Number Pin Name Type Pin Name 31 LFIN TTL Output Link Fault Indicator: This output indicates the status of the input data stream RDIN. Active HIGH signal is indicating when the internal clock recovery PLL has locked onto the incoming data stream. LFIN will go HIGH if CD is HIGH and RDIN is within the frequency range of the Receive PLL (1000ppm). LFIN is an asynchronous output. 23 24 RDOUTN RDOUTP Differential PECL Receive Data Output: These ECL 100K outputs represent the recovered data from the input data stream (RDIN). This recovered data is specified against the rising edge of RCLK. 20 21 RCLKN RCLKP Differential PECL Clock Output: These ECL 100K outputs represent the recovered clock used to sample the recovered data (RDOUT). 18 17 TCLKP TCLKN Differential PECL Clock Output: These ECL 100K outputs represent either the recovered clock (CLKSEL = HIGH) used to sample the recovered data (RDOUT) or the transmit clock of the frequency synthesizer (CLKSEL = LOW). 9 10 PLLSP PLLSN Clock Synthesis PLL Loop Filter: External loop filter pins for the clock synthesis PLL. 14 15 PLLRN PLLRP Clock Recovery PLL Loop Filter: External loop filter pins for the receiver PLL. |
Similar Part No. - SY69754ALHGTR |
|
Similar Description - SY69754ALHGTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |