Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58033UMI Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY58033UMI
Description  ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58033UMI Datasheet(HTML) 8 Page - Micrel Semiconductor

  SY58033UMI Datasheet HTML 1Page - Micrel Semiconductor SY58033UMI Datasheet HTML 2Page - Micrel Semiconductor SY58033UMI Datasheet HTML 3Page - Micrel Semiconductor SY58033UMI Datasheet HTML 4Page - Micrel Semiconductor SY58033UMI Datasheet HTML 5Page - Micrel Semiconductor SY58033UMI Datasheet HTML 6Page - Micrel Semiconductor SY58033UMI Datasheet HTML 7Page - Micrel Semiconductor SY58033UMI Datasheet HTML 8Page - Micrel Semiconductor SY58033UMI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Precision Edge®
SY58033U
Micrel, Inc.
M9999-072810
hbwhelp@micrel.com or (408) 955-1690
PartNumber Function
DataSheetLink
SY58031U
Ultra-Precision 1:8 Fanout Buffer with 400mV CML
http://www.micrel.com/product-info/products/sy58031u.shtml
Outputs and Internal I/O Termination
SY58032U
Ultra-Precision 1:8 Fanout Buffer with LVPECL
http://www.micrel.com/product-info/products/sy58032u.shtml
Outputs and Internal Termination
SY58033U
Ultra-Precision 1:8 Fanout Buffer with 400mV LVPECL
http://www.micrel.com/product-info/products/sy58033u.shtml
Outputs and Internal Termination
32-MLF® Manufacturing Guidelines Exposed Pad
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
Application Note
HBW Solutions
http://www.micrel.com/product-info/as/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
R2
82Ω
R2
82Ω
For +2.5V systems,
R1 = 250Ω, R2 = 62.5Ω
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
VT = VCC —2V
R1
130Ω
R1
130Ω
+3.3V
Figure4.ParallelTermination-TheveninEquivalent
LVPECL OUTPUT
Z = 50Ω
Z = 50Ω
50Ω
50Ω
V
3
.
3
+
V
3
.
3
+
n
o
it
a
n
it
s
e
d
e
c
r
u
o
s
Rb
VCC
C1 (optional)
0.01µF
Notes:
1. Power saving alternative to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. Rb resistor sets the DC bias voltage, equal to V T.
4. For 2.5V systems, R b = 19Ω, For 3.3V systems, R b = 50Ω
Figure5.ParallelTermination(3-Resistor)
LVPECL has high input impedance, and very low output
impedance (open emitter), and small signal swing which
results in low electromagnetic interference (EMI). LVPECL
is ideal for driving 50Ω and 100Ω controlled impedance
transmission lines. There are several techniques in
terminating the LVPECL output, which are the Parallel
Termination-Thevenin Equivalent, the Parallel Termination
(3-Resistor), and the AC-Coupled Termination. Unused
output pairs may be left floating. However, single-ended
outputs must be terminated, or balanced.


Similar Part No. - SY58033UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033UMI MICREL-SY58033UMI Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033UMITR MICREL-SY58033UMITR Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
More results

Similar Description - SY58033UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_10 Datasheet
671Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58033U MICREL-SY58033U_11 Datasheet
715Kb / 9P
   ULTRA-PRECISION 1:8 fanout buffer WITH 400mV LVPECL outputs
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_07 Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com