Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58032UMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58032UMGTR
Description  ULTRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58032UMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY58032UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58032UMGTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Precision Edge®
SY58032U
Micrel, Inc.
M9999-072810
hbwhelp@micrel.com or (408) 955-1690
TYPICALOPERATINGCHARACTERISTICS
0
0.5
1
1.5
2
2.5
-60 -40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Output-to-Output Skew
vs. Temperature
∆∆
V
CC = 2.5V, GND = 0, VIN = 100mV, TA= 25°C, unless otherwise stated.


Similar Part No. - SY58032UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58032UMGTR MICREL-SY58032UMGTR Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032UMGTR MICREL-SY58032UMGTR Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
More results

Similar Description - SY58032UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58033U MICREL-SY58033U_10 Datasheet
696Kb / 9P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58033U MICREL-SY58033U Datasheet
532Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT BUFFER WITH 400mV LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U Datasheet
110Kb / 7P
   ULTRRA-PRECISION 1:8 FANOUT BUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58032U MICREL-SY58032U_07 Datasheet
526Kb / 8P
   ULTRA-PRECISION 1:8 FANOUT vBUFFER WITH LVPECL OUTPUTS AND INTERNAL TERMINATION
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58038U MICREL-SY58038U Datasheet
299Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com