Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADXRS649 Datasheet(PDF) 6 Page - Analog Devices

Part No. ADXRS649
Description  Fast Starting, ±20,000°/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADXRS649 Datasheet(HTML) 6 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXRS649
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all histograms, unless otherwise noted.
0.1
11
–18
0
–15
–12
–9
–6
–3
0
–180
–150
–120
–90
–60
–30
0
FREQUENCY (kHz)
Figure 4. Typical Rate and Phase Response vs. Frequency
(COUT = 470 pF with a Series RC Low-Pass Filter of 3.3 kΩ and 22 nF)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (ms)
Figure 5. Typical Start-Up Behavior at RATEOUT
100
1000
10000
0.01
0.1
1
10
100
1000
TIME (Seconds)
Figure 6. Typical Root Allan Deviation at 25°C vs. Averaging Time
0
10
20
30
40
50
60
2.401
2.418
2.434
2.451
2.467
2.484
2.500
2.517
2.533
2.550
2.566
2.583
2.599
NULL BIAS (V)
Figure 7. Null Bias at 25°C
0
10
20
30
40
50
60
0.081 0.085 0.089 0.093 0.097 0.101 0.105 0.109 0.113 0.117
SENSITIVITY (mV/°/sec)
Figure 8. Sensitivity at 25°C
0
20
40
60
80
100
–100
–300
–500
–700
–900
–1100
–1300
–1500
–1700
–1900
–2100
–2300
DEGREES PER SECOND (°)
Figure 9. ST1 Output Change at 25°C (VRATIO = 5 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn