Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58031UMITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58031UMITR
Description  ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58031UMITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58031UMITR Datasheet HTML 1Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 2Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 3Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 4Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 5Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 6Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 7Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 8Page - Micrel Semiconductor SY58031UMITR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Precision Edge®
SY58031U
Micrel, Inc.
M9999-073010
hbwhelp@micrel.com or (408) 955-1690
AbsoluteMaximumRatings(1)
Power Supply Voltage (VCC ) .......................–0.5V to +4.0V
Input Voltage (VIN)...........................................–0.5V to VCC
Current (VT)
Source or sink current on VT pin......................... ±100mA
Input Current (VT)
Source or sink current on IN, /IN .......................... ±50mA
Current (VREF)
Source or sink current on VREF-AC(3)................... ±1.5mA
Lead Temperature Soldering, (20 sec.) ..................... 260°C
Storage Temperature Range (TS )............ –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (VCC) ................. +2.375V to +3.60V
Ambient Temperature Range (TA) .............. –40°C to +85°C
Package Thermal Resistance(4)
MLF® JA)
Still-Air ............................................................. 35°C/W
MLF® JB)
Junction-to-Board ............................................ 20°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
2.5V nominal
2.375
2.5
2.625
V
3.3V nominal
3.0
3.3
3.6
V
ICC
Power Supply Current
VCC = max. no lead. Includes current
265
330
mA
through 50Ω pull-ups.
VIH
Input HIGH Voltage
IN1, /IN1, Note 6
VCC–1.6
VCC
V
VIL
Input LOW Voltage
IN1, /IN1
0
VIH–0.1
V
VIN
Input Voltage Swing
IN1, /IN1, see Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
IN1, /IN1, see Figure 1b.
0.2
V
|IN0, /IN0|, |IN1, /IN1|
RIN
In-to-VT Resistance
40
50
60
Ω
VT IN
Max. In-to-VT (IN, /IN)
1.28
V
VREF-AC
VCC–1.3 VCC–1.2 VCC–1.1
V
DCELECTRICALCHARACTERISTICS(5)
TA= –40°C to +85°C
VCC = 2.5V ±5% or 3.3V ±10%; RL = 100Ω across Q and /Q; TA= –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
VCC–0.020
VCC
V
VOUT
Output Voltage Swing
see Figure 1a.
325
400
mV
VDIFF_OUT
Differential Voltage Swing
see Figure 1b.
650
800
mV
ROUT
Output Source Impedance
40
50
60
Ω
Notes:
1. Permanent device damage may occur if “Absolute Maximum Ratings” are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratingsconditions for
extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Thermal performance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB. ψJB uses 4-layer
θJA in still-air number unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above tables after thermal equilibrium has been established.
6. VIH (min) not lower tha 1.2V.
CMLDCELECTRICALCHARACTERISTICS(5)


Similar Part No. - SY58031UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58031UMITR MICREL-SY58031UMITR Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58031UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58020U MICREL-SY58020U_11 Datasheet
202Kb / 10P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com