Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58012UMG Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58012UMG
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012UMG Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58012UMG Datasheet HTML 1Page - Micrel Semiconductor SY58012UMG Datasheet HTML 2Page - Micrel Semiconductor SY58012UMG Datasheet HTML 3Page - Micrel Semiconductor SY58012UMG Datasheet HTML 4Page - Micrel Semiconductor SY58012UMG Datasheet HTML 5Page - Micrel Semiconductor SY58012UMG Datasheet HTML 6Page - Micrel Semiconductor SY58012UMG Datasheet HTML 7Page - Micrel Semiconductor SY58012UMG Datasheet HTML 8Page - Micrel Semiconductor SY58012UMG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Precision Edge®
SY58012U
Micrel, Inc.
M9999-051408
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair is the signal to be buffered. Each pin of this pair internally
terminates with 50
Ω to the V
T pin. Note that this input will default to an indeterminate state
if left open. See
“Input Interface Applications” section.
2
VT
Input Termination Center-Tap: Each input terminates to this pin. The VT pin provides a
center-tap for each input (IN, /IN) to a termination network for maximum interface flexibility.
See
“Input Interface Applications” section.
3
VREF-AC
Reference Output Voltage: This output biases to VCC –1.2V. It is used when AC-coupling
the inputs (IN, /IN). Connect V
REF-AC directly to the VT pin. Bypass with 0.01µF low ESR
capacitor to VCC. Maximum current source or sink is 0.5mA. See “Input Interface
Applications” section.
5, 8, 13, 16
VCC
Positive Power Supply: Bypass with 0.1
µF//0.01µF low ESR capacitors as close to the
VCC pins as possible.
6, 7, 14, 15
GND,
Ground. Exposed pad must be connected to a ground plane that is the same potential
Exposed Pad
as the ground pin.
12, 11
Q0, /Q0,
LVPECL Differential Output Pairs: Differential buffered output copy of the input signal. The
9, 10
Q1, /Q1
output swing is typically 800mV. Unused output pairs may be left floating with no impact on
jitter. See “
LVPECL Output Termination” section.
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
IN
VT
VREF-AC
/IN
Q0
/Q0
/Q1
Q1
16-Pin MLF® (MLF-16)
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY58012UMI
MLF-16
Industrial
012U
Sn-Pb
SY58012UMITR(2)
MLF-16
Industrial
012U
Sn-Pb
SY58012UMG(3)
MLF-16
Industrial
012U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY58012UMGTR(2, 3)
MLF-16
Industrial
012U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.


Similar Part No. - SY58012UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012UMG MICREL-SY58012UMG Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58012UMGTR MICREL-SY58012UMGTR Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY58012UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89851U MICREL-SY89851U Datasheet
507Kb / 12P
   Low Power, 3GHz, 1:2 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com