Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58012UMI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58012UMI
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012UMI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58012UMI Datasheet HTML 1Page - Micrel Semiconductor SY58012UMI Datasheet HTML 2Page - Micrel Semiconductor SY58012UMI Datasheet HTML 3Page - Micrel Semiconductor SY58012UMI Datasheet HTML 4Page - Micrel Semiconductor SY58012UMI Datasheet HTML 5Page - Micrel Semiconductor SY58012UMI Datasheet HTML 6Page - Micrel Semiconductor SY58012UMI Datasheet HTML 7Page - Micrel Semiconductor SY58012UMI Datasheet HTML 8Page - Micrel Semiconductor SY58012UMI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Precision Edge®
SY58012U
Micrel, Inc.
M9999-051408
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Precision 1:2, 800mV LVPECL fanout buffer
Guaranteed AC performance over temperature/
voltage:
• > 5GHz fMAX (clock)
• < 110ps tr /tf times
• < 260ps tpd
• < 15ps max skew
Low jitter performance
• < 10psPP total jitter (clock)
• < 1psRMS random jitter (data)
• < 10psPP deterministic jitter (data)
Accepts an input signal as low as 100mV
Unique input termination and VT pin accepts DC-
and AC-coupled differential inputs: LVPECL, LVDS,
and CML
Outputs are 100k LVPECL compatible, 800mV swing
Power supply 2.5V
±5% and 3.3V ±10%
–40
°C to +85°C temperature range
Available in 16-pin (3mm
××××× 3mm) MLF® package
FEATURES
5GHz, 1:2 LVPECL FANOUT
BUFFER/TRANSLATOR
WITH INTERNAL INPUT TERMINATION
Precision Edge®
SY58012U
APPLICATIONS
s All SONET and GigE clock distribution
s Fibre Channel clock and data distribution
s Backplane distribution
s High-end, low skew, multiprocessor synchronous
clock distribution
Rev.: F
Amendment: /0
Issue Date:
May 2008
The SY58012U is a 2.5V/3.3V precision, high-speed, fully
differential 1:2 LVPECL fanout buffer. Optimized to provide
two identical output copies with less than 15ps of skew and
less than 10ps
(pk-pk) total jitter, the SY58012U can process
clock signals as fast as 5GHz or 5Gbps data.
The differential input includes Micrel’s unique, 3-pin input
termination architecture that interfaces to LVPECL, LVDS
or CML differential signals, (AC-coupled or DC-coupled) as
small as 100mV without any level-shifting or termination
resistor networks in the signal path. For AC-coupled input
interface applications, an on-board output reference voltage
(V
REF-AC) is provided to bias the VT pin. The outputs are
100k LVPECL compatible, with extremely fast rise/fall times
guaranteed to be less than 110ps.
The SY58012U operates from a 2.5V
±5% supply or
3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40
°C to +85°C). For applications that
require faster rise/fall times, or greater bandwidth, consider
the SY58013U 1:2 fanout buffer with 400mV output swing,
or the SY58011 1:2 CML (400mV) fanout buffer. The
SY58012U is part of Micrel’s high-speed, Precision Edge®
product line. Data sheets and support documentation can
be found on Micrel’s web site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
IN
/IN
Q1
/Q1
Q0
/Q0
VT
50
50
VREF-AC
2.5GHz Output
TIME (50ps/div.)
VCC = 3.3V
2GHz with 100mV Input
Precision Edge®
Precision Edge is registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.


Similar Part No. - SY58012UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012UMI MICREL-SY58012UMI Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012UMI MICREL-SY58012UMI Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58012UMITR MICREL-SY58012UMITR Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012UMITR MICREL-SY58012UMITR Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY58012UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89851U MICREL-SY89851U Datasheet
507Kb / 12P
   Low Power, 3GHz, 1:2 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com