Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58012UMI Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58012UMI
Description  5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58012UMI Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY58012UMI Datasheet HTML 1Page - Micrel Semiconductor SY58012UMI Datasheet HTML 2Page - Micrel Semiconductor SY58012UMI Datasheet HTML 3Page - Micrel Semiconductor SY58012UMI Datasheet HTML 4Page - Micrel Semiconductor SY58012UMI Datasheet HTML 5Page - Micrel Semiconductor SY58012UMI Datasheet HTML 6Page - Micrel Semiconductor SY58012UMI Datasheet HTML 7Page - Micrel Semiconductor SY58012UMI Datasheet HTML 8Page - Micrel Semiconductor SY58012UMI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Precision Edge®
SY58012U
Micrel, Inc.
M9999-051408
hbwhelp@micrel.com or (408) 955-1690
FUNCTIONAL CHARACTERISTICS
VCC = 3.3V, GND = 0, VIN = 100mV, TA = 25°C, unless otherwise stated.
5Gbps Output
TIME (50ps/div.)
5GHz Output
TIME (25ps/div.)
200MHz Output
TIME (600ps/div.)
(223–1 PRBS Pattern)


Similar Part No. - SY58012UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012UMI MICREL-SY58012UMI Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012UMI MICREL-SY58012UMI Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58012UMITR MICREL-SY58012UMITR Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012UMITR MICREL-SY58012UMITR Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
More results

Similar Description - SY58012UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_07 Datasheet
133Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
133Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY89851U MICREL-SY89851U Datasheet
507Kb / 12P
   Low Power, 3GHz, 1:2 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58013U MICREL-SY58013U_07 Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
SY58013U MICREL-SY58013U Datasheet
133Kb / 9P
   6GHz, 1:2 FANOUT BUFFER/TRANSLATOR w/400mV LVPECL OUTPUTS and INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com