Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56216RMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY56216RMGTR
Description  Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56216RMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY56216RMGTR Datasheet HTML 1Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 2Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 3Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 4Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 5Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 6Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 7Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 8Page - Micrel Semiconductor SY56216RMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
SY56216R
November 2010
3
M9999-111810-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
16,1
4,5
IN0, /IN0
IN1, /IN1
Differential Inputs: Signals as small as 200mVpk (400mVPP) applied to the input of 9, 18 or
27 inches 6 mil FR4 stripline transmission line are then terminated the differential input .
Each input pin internally terminates with 50Ω to the VT pin.
2,3
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin.
This pin provides a center-tap to a termination network for maximum interface flexibility. An
internal high-impedance resistor divider biases VT to allow input AC coupling. For AC
coupling, bypass VT with 0.01µF low-ESR capacitor to VCC. See “Interface Applications”
subsection and Figure 2a.
15,6
EQ0, EQ1
Three level inputs for equalization control. Low, Float, High
7
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low-ESR capacitors as close to the VCC
pins as possible. Supplies input and core circuitry.
8,13
VCCO
Output Supply: Bypass with 0.1µF//0.01µF low-ESR capacitors as close to the VCCO pins as
possible. Supplies the output buffers.
14
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same potential as the
ground pins.
12,11
10,9
Q0, /Q0
Q1, /Q1
CML Differential Output Pairs: Differential buffered copy of the input signal. The output swing
is typically 390mV. See “Interface Applications” subsection for termination information.


Similar Part No. - SY56216RMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMG MICREL-SY56011RMG Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011RMGTR MICREL-SY56011RMGTR Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56216RMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com