Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56023RMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY56023RMGTR
Description  Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56023RMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY56023RMGTR Datasheet HTML 1Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 2Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 3Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 4Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 5Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 6Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 7Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 8Page - Micrel Semiconductor SY56023RMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Micrel, Inc.
SY56023R
December 2009
5
M9999-122209-B
hbwhelp@micrel.com or (408) 955-1690
CML Outputs DC Electrical Characteristics(6)
VCCO = 1.14V to 1.26V RL = 50Ω to VCCO,
VCCO = 1.7V to 1.9V, 2.375V to 2.625V, RL = 50Ω to VCCO or 100Ω across the outputs,
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
RL = 50Ω to VCCO
VCCO-0.020
VCCO-0.010
VCCO
V
VOUT
Output Voltage Swing
See Figure 3a
300
390
475
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
600
780
950
mV
ROUT
Output Source Impedance
45
50
55
LVTTL/CMOS DC Input Electrical Characteristics(6)
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
-125
30
µA
IIL
Input LOW Current
-300
µA
Three Level EQ Input DC Electrical Characteristics(6)
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
VCC-0.3
VCC
V
VIL
Input LOW Voltage
0
VEE+0.3
V
IIH
Input HIGH Current
VIH = VCC
400
µA
IIL
Input LOW Current
VIL = GND
-480
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY56023RMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56023RMGTR MICREL-SY56023RMGTR Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
More results

Similar Description - SY56023RMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56040AR MICREL-SY56040AR Datasheet
527Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 4x4 Crosspoint Switch 6.4Gbps, 5GHz
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com