Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY56020XRMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY56020XRMGTR
Description  Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56020XRMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY56020XRMGTR Datasheet HTML 1Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 2Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 3Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 4Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 5Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 6Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 7Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 8Page - Micrel Semiconductor SY56020XRMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY56020XR
February 2010
5
M9999-020210-A
hbwhelp@micrel.com or (408) 955-1690
CML Outputs DC Electrical Characteristics
(6)
VCCO = 1.14V to 1.26V RL = 50
Ω to V
CCO.
VCCO = 1.7V to 1.9V, 2.375V to 2.625V, RL = 50
Ω to V
CCO or 100
Ω across the outputs.
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
RL = 50
Ω to VCCO
VCC-0.020
VCC-0.010
VCC
V
VOUT
Output Voltage Swing
See Figure 3a
300
390
475
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
600
780
950
mV
ROUT
Output Source Impedance
45
50
55
Three Level EQ Input DC Electrical Characteristics
(6)
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
VCC-0.3
VCC
V
VIL
Input LOW Voltage
0
VEE+0.3
V
IIH
Input HIGH Current
VIH = VCC
400
µA
IIL
Input LOW Current
VIL = GND
-480
µA
AC Electrical Characteristics
VCCO = 1.14V to 1.26V RL = 50
Ω to V
CCO.
VCCO = 1.7V to 1.9V, 2.375V to 2.625V, RL = 50
Ω to V
CCO or 100
Ω across the outputs.
VCC = 2.375V to 2.625V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Frequency
NRZ Data
6.4
Gbps
VOUT > 200mV (Clock)
4.5
GHz
tPD
Propagation Delay (IN-to-Q)
Note 7, Figure 1
120
200
300
ps
tSkew
Output-to-Output Skew
Note 8
3
15
ps
Part-to-Part Skew
Note 9
100
ps
tJitter
Data Random Jitter
Note 10
0.8
psRMS
Data Deterministic Jitter
Note 11
10
psPP
tR tF
Output Rise/Fall Time
(20% to 80%)
At full output swing.
30
60
100
ps
Duty Cycle
Differential I/O
45
55
%
Notes:
6.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
7.
Propagation delay is measured with no attenuating transmission line connected to the input.
8.
Output-to-Output skew is the difference in time between both outputs under identical input transition, temperature and power supply
9.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the
respective inputs.
10. Random jitter is additive jitter.
11. Deterministic jitter is measured with 2
23–1 PRBS pattern.


Similar Part No. - SY56020XRMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020RMG MICREL-SY56020RMG Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020RMGTR MICREL-SY56020RMGTR Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results

Similar Description - SY56020XRMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56020R MICREL-SY56020R Datasheet
430Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56028XR MICREL-SY56028XR Datasheet
349Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56028XR_1009 MICREL-SY56028XR_1009 Datasheet
330Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR MICREL-SY56572XR Datasheet
356Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56572XR_1009 MICREL-SY56572XR_1009 Datasheet
336Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 4:1 MUX with 1:2 FANOUT 6.4Gbps with EQUALIZATION
SY56017R MICREL-SY56017R Datasheet
502Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com