Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY55859LMITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY55859LMITR
Description  3.3V, 3.2Gbps Dual 2X2 Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY55859LMITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY55859LMITR Datasheet HTML 1Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 2Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 3Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 4Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 5Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 6Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 7Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 8Page - Micrel Semiconductor SY55859LMITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SY55859L
January 2010
3
M9999-012110-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
1
ENB1
TTL Input. Channel B1 Output Enable. Setting this pin inactive low powers down
QB1 and /QB1. Do not leave floating.
2
DB1
CML Input. Channel B1 true input.
3
/DB1
CML Input. Channel B1 complement input.
4
ENB0
TTL Input. Channel B0 Output Enable. Setting this pin inactive low powers down
QB0 and /QB. Do not leave floating.
5
SELB0
TTL Input. Channel B0 output select. Please refer to Table 2. Do not leave
floating.
6
DB0
CML Input. Channel B0 true input.
7
/DB0
CML Input. Channel B0 complement input.
8
SELB1
TTL Input. Channel B1 output select. Please refer to Table 2. Do not leave
floating.
9, 24
GND
Supply ground. Most negative supply voltage.
10, 13, 16, 17,
20, 23
VCC
Positive Supply.
11
/QB0
CML Output. Channel B0 complement output.
12
QB0
CML Output. Channel B0 true output.
14
/QB1
CML Output. Channel B1 complement output.
15
QB1
CML Output. Channel B1 true output.
18
/QA1
CML Output. Channel A1 complement output.
19
QA1
CML Output. Channel A1 true output.
21
/QA0
CML Output. Channel A0 complement output.
22
QA0
CML Output. Channel A0 true output.
25
SELA1
TTL Input. Channel A1 output select. Please refer to Table 1. Do not leave
floating.
26
DA0
CML Input. Channel A0 true input.
27
/DA0
CML Input. Channel A0 complement input.
28
SELA0
TTL Input. Channel A0 output select. Please refer to Table 1. Do not leave
floating.
29
ENA0
TTL Input. Channel A0 output enable. Setting this pin inactive low powers down
QA0 and /QA0. Do not leave floating.
30
DA1
CML Input. Channel A1 true input.
31
/DA1
CML Input. Channel A1 complement input.
32
ENA1
TTL Input. Channel A1 output enable. Setting this pin inactive low powers down
QA1 and / QA1. Do not leave floating.
EP
Exposed Pad
Ground. This must be soldered to circuit board ground for proper electrical and
thermal operation.


Similar Part No. - SY55859LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859LMITR MICREL-SY55859LMITR Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
More results

Similar Description - SY55859LMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV024 PERICOM-PI90LV024_04 Datasheet
432Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
logo
ON Semiconductor
NB4L858M ONSEMI-NB4L858M_09 Datasheet
104Kb / 10P
   2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch
December, 2005 ??Rev. 9
logo
Texas Instruments
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI-SN65LVCP23 Datasheet
470Kb / 17P
[Old version datasheet]   2x2 LVPECL Crosspoint switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com