Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54023ARMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY54023ARMGTR
Description  Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54023ARMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY54023ARMGTR Datasheet HTML 3Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 4Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 5Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 6Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 7Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 8Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 9Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 10Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
SY54023AR
June 2008
7
M9999-062608-A
hbwhelp@micrel.com or (408) 955-1690
Interface Applications
For Input Interface Applications, see Figures 4a
through 4f and for CML Output Termination, see
Figure 5a through Figure 5d.
CML Output Termination with VCCO 1.2V
For VCCO of 1.2V, Figure 5a, terminate the output
with 50
Ω-to-1.2V, DC coupled, not 100Ω differentially
across the outputs.
If AC-coupling is used, Figure 5d, terminate into 50
Ω-
to-1.2V before the coupling capacitor and then
connect to a high value resistor to a reference
voltage.
Do not AC couple with internally terminated receiver.
For example, 50
Ω ANY-IN input. AC-coupling will
offset the output voltage by 200mV and this offset
voltage will be too low for proper driver operation. Any
unused output pair needs to be terminated when
VCCO is 1.2V, do not leave floating.
CML Output Termination with VCCO 1.8V
For VCCO of 1.8V, Figure 5a and Figure 5b,
terminate
with
either
50
Ω-to-1.8V
or
100
differentially across the outputs. AC- or DC-coupling
is fine.
Input AC Coupling
The SY54023AR input can accept AC-coupling from
any driver. Bypass VT with a 0.1µF low ESR capacitor
to VCC as shown in Figures 4c and 4d. VT has an
internal high impedance resistor divider as shown in
Figure 2a, to provide a bias voltage for AC-coupling.
Timing Diagrams
Figure 1a. Propagation Delay


Similar Part No. - SY54023ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54023RMG MICREL-SY54023RMG Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54023RMGTR MICREL-SY54023RMGTR Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
More results

Similar Description - SY54023ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016AR MICREL-SY54016AR Datasheet
763Kb / 12P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY56040AR MICREL-SY56040AR Datasheet
527Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 4x4 Crosspoint Switch 6.4Gbps, 5GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com