Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54023ARMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY54023ARMGTR
Description  Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54023ARMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY54023ARMGTR Datasheet HTML 2Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 3Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 4Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 5Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 6Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 7Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 8Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 9Page - Micrel Semiconductor SY54023ARMGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel, Inc.
SY54023AR
June 2008
6
M9999-062608-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VCCO = 1.14V to 1.26V RL = 50Ω to VCCO,
VCCO = 1.7V to 1.9V, RL = 50Ω to VCCO or 100Ω across the outputs,
VCC = 2.375V to 2.625V. TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
NRZ Data
3.2
Gbps
fMAX
Maximum Frequency
VOUT > 200mV
Clock
3.2
GHz
Figure 1a
150
210
310
ps
tPD
Propagation Delay
IN-to-Q
SEL-to-Q
Figure 1a
90
200
350
ps
Input-to-Input Skew
Note 6
5
20
ps
Output-to-Output skew
Note 7
3
15
ps
tSkew
Part-to-Part Skew
Note 8
75
ps
Data
Random Jitter
Note 9
1
psRMS
Deterministic Jitter
Note 10
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 11
1
psRMS
Total Jitter
Note 12
10
psPP
tJitter
Crosstalk Induced Jitter
(Adjacent Channel)
Note 13
0.7
psPP
tR tF
Output Rise/Fall Times
(20% to 80%)
At full output swing.
30
60
95
ps
Duty Cycle
Differential I/O
47
53
%
Notes:
6.
Input-to-Input skew is the difference in time between both inputs, measured at the same output for the same temperature, voltage and transition.
7.
Output-to-Output skew is the difference in time between both outputs, receiving data from the same input, for the same temperature, voltage and
transition.
8.
Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and no skew at the edges at the
respective inputs.
9.
Random jitter is measured with a K28.7 pattern, measured at
≤ f
MAX.
10. Deterministic jitter is measured at 2.5Gbps with both K28.5 and 2
23–1 PRBS pattern.
11. Cycle-to-cycle jitter definition: the variation period between adjacent cycles over a random sample of adjacent cycle pairs. tJITTER_CC = Tn –Tn+1,
where T is the time between rising edges of the output signal.
12. Total jitter definition: with an ideal clock input frequency of
≤ f
MAX (device), no more than one output edge in 10
12 output edges will deviate by
more than the specified peak-to-peak jitter value.
13. Crosstalk induced jitter is defined as the added jitter that results from signals applied to the adjacent channel. It is measured at the output while
applying a similar, differential clock frequency to both inputs that is asynchronous with respect to each other.


Similar Part No. - SY54023ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54023RMG MICREL-SY54023RMG Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54023RMGTR MICREL-SY54023RMGTR Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
More results

Similar Description - SY54023ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016AR MICREL-SY54016AR Datasheet
763Kb / 12P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY56023R MICREL-SY56023R Datasheet
508Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY56023R MICREL-SY56023R_12 Datasheet
499Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 2x2 Crosspoint Switch 6.4Gbps with Equalization
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY56040AR MICREL-SY56040AR Datasheet
527Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 4x4 Crosspoint Switch 6.4Gbps, 5GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com