Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADXRS646BBGZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # ADXRS646BBGZ-RL
Description  High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXRS646BBGZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXRS646BBGZ-RL Datasheet HTML 2Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 3Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 9Page - Analog Devices ADXRS646BBGZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXRS646
Data Sheet
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
N > 1000 for all typical performance plots, unless otherwise noted.
Figure 4. Null Bias at 25°C
Figure 5. Null Drift over Temperature (VRATIO = 5 V)
Figure 6. Null Output over Temperature, 16 Parts in Sockets (VRATIO = 5 V)
Figure 7. Sensitivity at 25°C
Figure 8. Sensitivity Drift over Temperature
Figure 9. Typical Root Allan Deviation at 25°C vs. Averaging Time
30
0
5
10
15
20
25
RATEOUT (V)
30
0
5
10
15
20
25
DRIFT (°/sec/°C)
3.5
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
35
30
25
20
15
10
5
0
SENSITIVITY (mV/°/sec)
8.5
8.6
8.7
8.8
8.9
9.0
9.1
9.2
9.3
9.4
9.5
40
35
30
25
20
15
10
5
0
PERCENT DRIFT (%)
–10 –8 –6 –4 –2
0
2
4
6
8
10 12 14 16 18 20
1k
100
10
AVERAGING TIME (Seconds)
0.01
0.1
1
10
100
1k
100k
10k


Similar Part No. - ADXRS646BBGZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS646BBGZ-RL AD-ADXRS646BBGZ-RL Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
More results

Similar Description - ADXRS646BBGZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS649 AD-ADXRS649 Datasheet
261Kb / 12P
   Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
REV. 0
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com