Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY54016ARMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY54016ARMGTR
Description  Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver 3.2Gbps, 3.2GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY54016ARMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY54016ARMGTR Datasheet HTML 1Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 2Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 3Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 4Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 5Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 6Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 7Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 8Page - Micrel Semiconductor SY54016ARMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SY54016AR
January 2011
3
M9999-011411-B
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)............................... –0.5V to +3.0V
Supply Voltage (VCCO) ............................. –0.5V to +2.7V
VCC - VCCO ...............................................................<1.8V
VCCO - VCC ...............................................................<0.5V
Input Voltage (VIN) .......................................–0.5V to VCC
CML Output Voltage (VOUT)............... 0.6V to VCCO+0.5V
Current (VT)
Source or sink current on VT pin .................±100mA
Input Current
Source or sink current on (IN, /IN).................±50mA
Maximum operating Junction Temperature .......... 125°C
Lead Temperature (soldering, 20sec.) .................. 260°C
Storage Temperature (Ts) ....................–65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)..........................2.375V to 2.625V
(VCCO)………………...… 1.14V to 1.9V
Ambient Temperature (TA) ................... –40°C to +85°C
Package Thermal Resistance
(3)
MLF
®
Still-air (
θJA)........................................... 93 °C/W
Junction-to-board (
ψJB) ......................... 56 °C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VCC
Power Supply Voltage Range
VCC
VCCO
VCCO
2.375
1.14
1.7
2.5
1.2
1.8
2.625
1.26
1.9
V
V
V
ICC
Power Supply Current
Max. VCC
11
16
mA
ICCO
Power Supply Current
No Load. Max. VCCO
16
21
mA
RIN
Input Resistance
(IN-to-VT, /IN-to-VT )
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
VIL
Input HIGH Voltage
(IN, /IN)
Input LOW Voltage
(IN, /IN)
IN, /IN
VIL with VIH = 1.2V
1.2
0.2
VCC
VIH–0.1
V
V
VIH
VIL
Input HIGH Voltage
(IN, /IN)
Input LOW Voltage
(IN, /IN)
IN, /IN
VIL with VIH = 1.14V, (1.2V-5%)
1.14
0.66
VCC
VIH–0.1
V
V
VIN
Input Voltage Swing
(IN, /IN)
see Figure 3a
0.1
1.0
V
VDIFF_IN
Differential Input Voltage Swing
(|IN - /IN|)
see Figure 3b
0.2
2.0
V
VT_IN
Voltage from Input to VT
1.28
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device's most negative potential on the PCB.
ψJB and θJA
values are determined for a 4-layer board in still-air number, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY54016ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54016R MICREL-SY54016R Datasheet
819Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54016RMGTR MICREL-SY54016RMGTR Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
More results

Similar Description - SY54016ARMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY54023AR MICREL-SY54023AR Datasheet
520Kb / 14P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch 3.2Gbps, 3.2GHz
SY54016R MICREL-SY54016R_10 Datasheet
804Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY54016R MICREL-SY54016R Datasheet
819Kb / 13P
   Low Voltage 1.2V/1.8V CML Differential Line Driver/Receiver with Fail Safe Input 3.2Gbps, 2.5GHz
SY54011R MICREL-SY54011R Datasheet
481Kb / 10P
   Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY56016R MICREL-SY56016R Datasheet
755Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Differential Line Driver/Receiver 6.4Gbps with Equalization
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54020AR MICREL-SY54020AR_09 Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
SY54017AR MICREL-SY54017AR Datasheet
546Kb / 14P
   Low Voltage 1.2V/1.8V CML 2:1 MUX 3.2Gbps, 2.5GHz
SY54023R MICREL-SY54023R Datasheet
619Kb / 15P
   Low Voltage 1.2V/1.8V CML 2x2 Crosspoint Switch with Fail-Safe Inputs, 3.2Gbps, 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com