Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL33ZITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL33ZITR
Description  5V/3.3V 첨 4 DIVIDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL33ZITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL33ZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EL33ZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EL33ZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EL33ZITR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Precision Edge®
SY10EL33/L
SY100EL33/L
Micrel, Inc.
M9999-120406
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EL33ZC
Z8-1
Commercial
HEL33
Sn-Pb
SY10EL33ZCTR(2)
Z8-1
Commercial
HEL33
Sn-Pb
SY100EL33ZC
Z8-1
Commercial
XEL33
Sn-Pb
SY100EL33ZCTR(2)
Z8-1
Commercial
XEL33
Sn-Pb
SY10EL33ZI
Z8-1
Industrial
HEL33
Sn-Pb
SY10EL33ZITR(2)
Z8-1
Industrial
HEL33
Sn-Pb
SY100EL33ZI
Z8-1
Industrial
XEL33
Sn-Pb
SY100EL33ZITR(2)
Z8-1
Industrial
XEL33
Sn-Pb
SY10EL33LZC
Z8-1
Commercial
HEL33L
Sn-Pb
SY10EL33LZCTR(2)
Z8-1
Commercial
HEL33L
Sn-Pb
SY100EL33LZC
Z8-1
Commercial
XEL33L
Sn-Pb
SY100EL33LZCTR(2)
Z8-1
Commercial
XEL33L
Sn-Pb
SY10EL33LZI
Z8-1
Industrial
HEL33L
Sn-Pb
SY10EL33LZITR(2)
Z8-1
Industrial
HEL33L
Sn-Pb
SY100EL33LZI
Z8-1
Industrial
XEL33L
Sn-Pb
SY100EL33LZITR(2)
Z8-1
Industrial
XEL33L
Sn-Pb
SY10EL33ZG(3)
Z8-1
Industrial
HEL33 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL33ZGTR(2, 3)
Z8-1
Industrial
HEL33 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL33ZG(3)
Z8-1
Industrial
XEL33 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL33ZGTR(2, 3)
Z8-1
Industrial
XEL33 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL33LZG(3)
Z8-1
Industrial
HEL33L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL33LZGTR(2, 3)
Z8-1
Industrial
HEL33L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL33LZG(3)
Z8-1
Industrial
XEL33L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL33LZGTR(2, 3)
Z8-1
Industrial
XEL33L with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
8-Pin SOIC (Z8-1)
1
2
3
4
5
6
7
8
Reset
VCC
Q
VEE
CLK
VBB
Q
R
CLK
÷ 4


Similar Part No. - SY100EL33ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL33ZC MICREL-SY100EL33ZC Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY100EL33ZCTR MICREL-SY100EL33ZCTR Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
More results

Similar Description - SY100EL33ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY10EP33V MICREL-SY10EP33V Datasheet
88Kb / 9P
   5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
   3.3GHz 첨 4 fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
   5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
   3.3GHZ 첨 4 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com