Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72133V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC72133V
Description  PLL Frequency Synthesizer for Electronic Tuning?
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72133V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC72133V Datasheet HTML 1Page - Sanyo Semicon Device LC72133V Datasheet HTML 2Page - Sanyo Semicon Device LC72133V Datasheet HTML 3Page - Sanyo Semicon Device LC72133V Datasheet HTML 4Page - Sanyo Semicon Device LC72133V Datasheet HTML 5Page - Sanyo Semicon Device LC72133V Datasheet HTML 6Page - Sanyo Semicon Device LC72133V Datasheet HTML 7Page - Sanyo Semicon Device LC72133V Datasheet HTML 8Page - Sanyo Semicon Device LC72133V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical Characteristics for the Allowable Operating Ranges at Ta = –20 to +70°C, VSS = 0 V
No. 5427-4/22
LC72133M, 72133V
Parameter
Symbol
Pins
Conditions
min
typ
max
Unit
Rf1
XIN
1.0
M
Built-in feedback resistance
Rf2
FMIN
500
k
Rf3
AMIN
500
k
Rf4
IFIN
250
k
Built-in pull-down resistor
Rpd1
FMIN
200
k
Rpd2
AMIN
200
k
Hysteresis
VHIS
CE, CL, DI, IO1, IO2
0.1 VDD
V
Output high level voltage
VOH1
PD
IO = –1 mA
VDD – 1.0
V
VOL1
PD
IO = 1 mA
1.0
V
V
OL2
BO1
IO = 0.5 mA
0.6
V
IO = 1 mA
1.2
V
Output low level voltage
V
OL3
DO
IO = 1 mA
0.25
V
IO = 3 mA
0.75
V
V
OL4
BO2 to BO4, IO1, IO2
IO = 1 mA
0.25
V
IO = 5 mA
1.25
V
VOL5
AOUT
IO = 1 mA, AIN = 1.3 V
0.5
V
IIH1
CE, CL, DI
VI = 5.5 V
5.0
µA
IIH2
IO1, IO2
VI = 13 V
5.0
µA
Input high level current
IIH3
XIN
VI = VDD
1.3
8
µA
IIH4
FMIN, AMIN
VI = VDD
2.7
15
µA
IIH5
IFIN
VI = VDD
5.4
30
µA
IIH6
AIN
VI = 5.5 V
200
nA
IIL1
CE, CL, DI
VI = 0 V
5.0
µA
IIL2
IO1, IO2
VI = 0 V
5.0
µA
Input low level current
IIL3
XIN
VI = 0 V
1.3
8
µA
IIL4
FMIN, AMIN
VI = 0 V
2.7
15
µA
IIL5
IFIN
VI = 0 V
5.4
30
µA
IIL6
AIN
VI = 0 V
200
nA
IOFF1
BO1 to BO4, AOUT,
V
O = 13 V
5.0
µA
Output off leakage current
IO1, IO2
IOFF2
DO
VO = 5.5 V
5.0
µA
High level three-state
I
OFFH
PD
V
O = VDD
0.01
200
nA
off leakage current
Low level three-state
I
OFFL
PD
V
O = 0 V
0.01
200
nA
off leakage current
Input capacitance
CIN
FMIN
6
pF
Xtal = 7.2 MHz,
IDD1
VDD
fIN2 = 130 MHz,
2
5
mA
VIN2 = 70 mVrms
PLL block stopped
Current drain
I
DD2
V
DD
(PLL INHIBIT),
0.3
mA
Xtal oscillator operating
(Xtal = 7.2 MHz)
I
DD3
V
DD
PLL block stopped
30
µA
Xtal oscillator stopped


Similar Part No. - LC72133V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72133M SANYO-LC72133M Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results

Similar Description - LC72133V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72135M SANYO-LC72135M Datasheet
469Kb / 24P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136N SANYO-LC72136N Datasheet
319Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
   Direct PLL Frequency Synthesizer for Electronic Tuning
LC72122V SANYO-LC72122V Datasheet
346Kb / 22P
   PLL Frequency Synthesizer for Portable Equipment Electronic Tuning
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com