Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL56VZC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EL56VZC
Description  5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL56VZC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EL56VZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 4Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY100EL56V
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS
VEE =VEE (Min) to VEE (Max); VCC = GND
TA = -40
°CTA = 0°CTA = +25°CTA = +85˚C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit
tPD
Propagation
D (Diff)
340
540
350
550
360
560
380
580
ps
Delay
D (SE)
290
590
300
600
310
610
330
630
to Output
SEL
430
730
440
740
440
740
450
750
COM_SEL
430
730
440
740
440
740
450
750
tSKEW
Within Device Skew(1)
40
80
40
80
40
80
40
80
ps
Duty Cycle Skew(2)
——
100
——
100
——
100
——
100
ps
VPP(AC) Minimum Input Swing(3)
150
1000
150
1000
150
1000
150
1000
mV
VCMR
Common Mode Range
V
VEE = –3.0V to –3.8V(4)
VPP < 500mV
–2.0
—–0.4
–2.1
—–0.4
–2.1
—–0.4
–2.1
—–0.4
VPP
≥ 500mV
–1.8
—–0.4
–1.9
—–0.4
–1.9
—–0.4
–1.9
—–0.4
VEE = –4.2V to –5.5V(5)
VPP < 500mV
–3.2
—–0.4
–3.3
—–0.4
–3.3
—–0.4
–3.3
—–0.4
VPP
≥ 500mV
–3.0
—–0.4
–3.1
—–0.4
–3.1
—–0.4
–3.1
—–0.4
tr
Output Rise/Fall Times Q
200
540
200
540
200
540
200
540
ps
tf
(20% –80%)
Note 1.
Within device skew is defined as identical transitions on similar paths through a device.
Note 2.
Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of
the outputs.
Note 3.
Minimum input swing for which AC parameters are guaranteed.
Note 4.
The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls
within the specified range and the peak-to-peak voltage lies between V
PP(min) and 1V. The lower end of the CMR range varies 1:1 with VEE.
The numbers in the spec table assume a nominal V
EE = –3.3V. Note for PECL operation, the VCMR (min) will be fixed at 3.3V – |VCMR (min)|.
Note 5.
The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls
within the specified range and the peak-to-peak voltage lies between V
PP(min) and 1V. The lower end of the CMR range varies 1:1 with VEE.
The numbers in the spec table assume a nominal V
EE = –4.5V. Note for PECL operation, the VCMR (min) will be fixed at 5.0V – |VCMR (min)|.


Similar Part No. - SY100EL56VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL56VZC MICREL-SY100EL56VZC Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56VZCTR MICREL-SY100EL56VZCTR Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results

Similar Description - SY100EL56VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com