Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EL56VZC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100EL56VZC
Description  5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL56VZC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100EL56VZC Datasheet HTML 1Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 2Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 3Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 4Page - Micrel Semiconductor SY100EL56VZC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY100EL56V
Micrel, Inc.
M9999-031306
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
s 3.3V and 5V power supply options
s 440ps propagation delay
s Separate and common select
s High bandwidth output transitions
s Internal 75K
input pull-down resistors
s Available in 20-pin SOIC package
The SY100EL56V is a dual, fully differential 2:1
multiplexer. The differential data path makes the device
ideal for multiplexing low skew clock or other skew
sensitive signals. Multiple VBB pins are provided to ease
AC coupling input signals.
The device features both individual and common select
inputs to address both data path and random logic
applications.
The differential inputs have special circuitry which
ensures device stability under open input conditions.
When both differential inputs are left open the D input
will pull down to VEE, the /D input will bias around VCC/2
forcing the Q output LOW.
FEATURES
5V/3.3V DUAL DIFFERENTIAL
2:1 MULTIPLEXER
SY100EL56V
TRUTH TABLE
SEL
Data
Ha
Lb
PIN NAMES
Pin
Function
D0a–D1a
Input Data a
D0b–D1b
Input Data b
SEL0–SEL1
Individual Select Input
COM_SEL
Common Select Input
Q0–Q1
True Outputs
/Q0–/Q1
Inverted Outputs
1
Rev.: H
Amendment: /0
Issue Date:
March 2006


Similar Part No. - SY100EL56VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL56VZC MICREL-SY100EL56VZC Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
SY100EL56VZCTR MICREL-SY100EL56VZCTR Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
More results

Similar Description - SY100EL56VZC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL56V MICREL-SY100EL56V Datasheet
55Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56 ONSEMI-MC100EL56 Datasheet
153Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10EP58V MICREL-SY10EP58V Datasheet
79Kb / 5P
   5V/3.3V 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
MC10EP57 ONSEMI-MC10EP57_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com