Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10E111AEJCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10E111AEJCTR
Description  5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10E111AEJCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10E111AEJCTR Datasheet HTML 1Page - Micrel Semiconductor SY10E111AEJCTR Datasheet HTML 2Page - Micrel Semiconductor SY10E111AEJCTR Datasheet HTML 3Page - Micrel Semiconductor SY10E111AEJCTR Datasheet HTML 4Page - Micrel Semiconductor SY10E111AEJCTR Datasheet HTML 5Page - Micrel Semiconductor SY10E111AEJCTR Datasheet HTML 6Page - Micrel Semiconductor SY10E111AEJCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Precision Edge®
SY10E111AE/LE
SY100E111AE/LE
Micrel, Inc.
M9999-030509
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
VOH
Output HIGH Voltage
mV
10EL
–1080
–890
–1020
–840
–980
–810
–910
–720
100EL
–1085
–880
–1025
–880
–1025
–880
–1025
–880
VOL
Output LOW Voltage
mV
10EL
–1950
–1650 –1950
–1630 –1950
–1630 –1950
–1595
100EL
–1830
–1550 –1810
–1620 –1810
–1620 –1810
–1620
VIH
Input HIGH Voltage
mV
10EL
–1230
–890
–1170
–840
–1130
–810
–1060
–720
100EL
–1165
–880
–1165
–880
–1165
–880
–1165
–880
VIL
Input LOW Voltage
mV
10EL
–1950
–1500 –1950
–1480 –1950
–1480 –1950
–1445
100EL
–1810
–1475 –1810
–1475 –1810
–1475 –1810
–1475
VBB
Output Reference
V
Voltage
10EL
–1.43
–1.30
–1.38
–1.27
–1.35
–1.25
–1.31
–1.19
100EL
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
–1.38
–1.26
IIH
Input HIGH Current
150
150
150
150
µA
IIL
Input LOW Current
µA
10EL
0.5
0.5
0.5
0.3
100EL
0.5
0.5
0.5
0.5
IEE
Power Supply Current
mA
10EL
66
66
66
66
100EL
66
66
66
78
ECL DC ELECTRICAL CHARACTERISTICS(1)
VEE = VEE (Min.) to VEE (Max.); VCC = GND
Notes:
1. Absolute maximum rating, beyond which device life may be imparied unless otherwise specified.
2. Parametric values specified at:
5 volt Power Supply Range
100EL Series:
-4.2V to -5.5V.
10EL Series
-4.75V to -5.5V.
3 volt Power Supply Range
10/100EL Series:
-3.0V to -3.8V.
ABSOLUTE MAXIMUM RATINGS(1)
SYMBOL
PARAMETER
RATING
UNIT
VEE
Power Supply (VCC = 0V)
–8.0 to 0
V
VI
Input Voltage (VCC = 0V)
0 to –6.0
V
IOUT
Output Current:
Continuous
50
mA
Surge
100
TA
Operating Temperature Range
–40 to +85
°C
VEE(2)
Operating Range
–5.7 to –4.2
V
Tstore
Storage Temperature Range
–65 to +150
°C


Similar Part No. - SY10E111AEJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AEJCTR MICREL-SY10E111AEJCTR Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AEJCTR MICREL-SY10E111AEJCTR Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
More results

Similar Description - SY10E111AEJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE Datasheet
91Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111AE MICREL-SY10E111AE_06 Datasheet
77Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/ENABLE)
SY10E111A MICREL-SY10E111A Datasheet
84Kb / 5P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER w/o ENABLE
SY10E111A MICREL-SY10E111A_06 Datasheet
76Kb / 6P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER (w/o ENABLE)
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com