Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL11VZITR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EL11VZITR
Description  1:2 DIFFERENTIAL FANOUT BUFFER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL11VZITR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EL11VZITR Datasheet HTML 1Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 4Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 5Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 6Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 7Page - Micrel Semiconductor SY10EL11VZITR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY10EL11V
SY100EL11V
Micrel, Inc.
M9999-052610
hbwhelp@micrel.com or (408) 955-1690
10K SERIES DC ELECTRICAL CHARACTERISTICS(1)
VCC=5.0V+10%;VEE=0V
TA = 40°C
TA = 0°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
OutputHIGHVoltage
–1080
–890
–1020
–840
–980
–810
–910
–720
mV
VOL
OutputLOWVoltage
–1950
–1650
–1950
–1630
–1950
–1630
–1950
–1595
mV
VIH
InputHIGHVoltage
–1230
–890
–1170
–840
–1130
–810
–1060
–720
mV
VIL
InputLOWVoltage
–1950
–1500
–1950
–1480
–1950
–1480
–1950
–1445
mV
IIH
InputHIGHCurrent
150
150
150
150
µA
IIL
InputLOWCurrent
0.5
0.5
0.5
0.3
µA
TA = –40°C
TA = 0°C to +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
VOH
OutputHIGHVoltage
–1085 –1005 –880 –1025 –955
–880
mV
VIN=VIH(Max)
VOL
OutputLOWVoltage
–1830 –1695 –1555 –1810 –1705 –1620
orVIL(Min)
VIH
InputHIGHVoltage(3)
–1165
–880 –1165
–880
mV
VIL
InputLOWVoltage(4)
–1810
–1475 –1810
–1475 mV
IIHInputHIGHCurrent——150——150µA
IIL
InputLOWCurrent
0.5
0.5
µA
VIN=VIL(Min)
100K SERIES DC ELECTRICAL CHARACTERISTICS(2)
VCC=5.0V+10%;VEE=0V


Similar Part No. - SY10EL11VZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL11VZITR MICREL-SY10EL11VZITR Datasheet
52Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
SY10EL11VZITR MICREL-SY10EL11VZITR Datasheet
59Kb / 5P
   5V/3.3V 1:2 DIFFERENTIAL FANOUT BUFFER
More results

Similar Description - SY10EL11VZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
   ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
logo
Fairchild Semiconductor
100EL11 FAIRCHILD-100EL11 Datasheet
130Kb / 5P
   5V ECL 1:2 Differential Fanout Buffer
logo
List of Unclassifed Man...
AZ10EL11 ETC-AZ10EL11 Datasheet
137Kb / 6P
   ECL/PECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com