Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM840002KA Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SM840002KA
Description  ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840002KA Datasheet(HTML) 7 Page - Micrel Semiconductor

  SM840002KA Datasheet HTML 1Page - Micrel Semiconductor SM840002KA Datasheet HTML 2Page - Micrel Semiconductor SM840002KA Datasheet HTML 3Page - Micrel Semiconductor SM840002KA Datasheet HTML 4Page - Micrel Semiconductor SM840002KA Datasheet HTML 5Page - Micrel Semiconductor SM840002KA Datasheet HTML 6Page - Micrel Semiconductor SM840002KA Datasheet HTML 7Page - Micrel Semiconductor SM840002KA Datasheet HTML 8Page - Micrel Semiconductor SM840002KA Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Micrel, Inc.
SM840002
November 2010
7
M9999-110810
hbwhelp@micrel.com
Figure 1. Duty Cycle Timing
Figure 2. All Outputs Rise/Fall Time
Figure 3. RMS Phase Noise/Jitter
or (408) 955-1690


Similar Part No. - SM840002KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM840004-11KA MICREL-SM840004-11KA Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - SM840002KA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
   Dual 10 Gigabit Ethernet XMC
19-Oct-2017
logo
Router-switch Ltd.
JL676A ROUTER-SWITCH-JL676A Datasheet
103Kb / 4P
   10 Gigabit Ethernet
logo
AAEON Technology
NANO-001N AAEON-NANO-001N Datasheet
311Kb / 2P
   Dual Gigabit Ethernet
NITX-SKL1 AAEON-NITX-SKL1 Datasheet
431Kb / 2P
   Dual Gigabit Ethernet
NANO-001F-5010-01 AAEON-NANO-001F-5010-01 Datasheet
275Kb / 2P
   Dual Gigabit Ethernet
NITX-BD1 AAEON-NITX-BD1 Datasheet
343Kb / 2P
   dual gigabit ethernet
logo
Micrel Semiconductor
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
PMC-Sierra, Inc
PM3386 PMC-PM3386 Datasheet
63Kb / 4P
   Dual Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com