Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LP0108ESF-5SIB0 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R1LP0108ESF-5SIB0
Description  1Mb Advanced LPSRAM (128k word x 8bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0108ESF-5SIB0 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R1LP0108ESF-5SIB0 Datasheet HTML 3Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 4Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 5Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 6Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 7Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 8Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 9Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 10Page - Renesas Technology Corp R1LP0108ESF-5SIB0 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
R1LP0108E Series
R10DS0029EJ0200
Rev.2.00
Page 7 of 15
2011.01.14
DC Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Vcc
4.5
5.0
5.5
V
Supply voltage
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.3
V
Input low voltage
VIL
-0.3
-
0.8
V
1
R Ver.
0
-
+70
°C
2
Ambient temperature range
I Ver.
Ta
-40
-
+85
°C
2
Note
1. –3.0V for pulse
≤ 30ns (full width at half maximum)
2. Ambient temperature range depends on R/I-version. Please see table on page 1.
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Input leakage current
| ILI |
-
-
1
μA
Vin = Vss to Vcc
Output leakage current
| ILO |
-
-
1
μA
CS1# =VIH or CS2 =VIL or
OE# =VIH,
VI/O =Vss to Vcc
ICC1
-
25
35
mA
Min. cycle, duty =100%, II/O = 0mA
CS1# =VIL, CS2 =VIH, Others = VIH/VIL
Average operating current
ICC2
-
2
5
mA
Cycle =1
μs, duty =100%, II/O = 0mA
CS1#
≤ 0.2V, CS2 ≥ Vcc-0.2V,
VIH ≥ Vcc-0.2V, VIL ≤ 0.2V
Standby current
ISB
-
-
3
mA
“CS2 =VIL” or
“CS2 = VIH and CS1# =VIH”,
Others = Vss to Vcc
-
1
*1
2
μA
~+25°C
-
-
3
μA
~+40°C
-
-
8
μA
~+70°C
Standby current
ISB1
-
-
10
μA
~+85°C
Vin = Vss to Vcc
(1) CS2
≤ 0.2 or
(2) CS1#
≥ Vcc-0.2V,
CS2
≥ Vcc-0.2V
VOH
2.4
-
-
V
IOH = -1mA
Output high voltage
VOH2
Vcc
- 0.5
-
-
V
IOH = -0.1mA
Output low voltage
VOL
-
-
0.4
V
IOL = 2mA
Note
1. Typical parameter indicates the value for the center of distribution at 5.0V (Ta= 25ºC), and not 100% tested.


Similar Part No. - R1LP0108ESF-5SIB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108ESF-5SI RENESAS-R1LP0108ESF-5SI Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESF-5SI#B** RENESAS-R1LP0108ESF-5SI#B* Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESF-5SI#B1 RENESAS-R1LP0108ESF-5SI#B1 Datasheet
359Kb / 13P
   1Mb Advanced LPSRAM
R1LP0108ESF-5SI#S** RENESAS-R1LP0108ESF-5SI#S* Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESF-5SI#S1 RENESAS-R1LP0108ESF-5SI#S1 Datasheet
359Kb / 13P
   1Mb Advanced LPSRAM
More results

Similar Description - R1LP0108ESF-5SIB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_15 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com