Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC37150-3.3WR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC37150-3.3WR
Description  1.5A, Low Voltage 關Cap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37150-3.3WR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC37150-3.3WR Datasheet HTML 3Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 4Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 5Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 6Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 7Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 8Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 9Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 10Page - Micrel Semiconductor MIC37150-3.3WR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
7
M9999-101907
0
50
100
150
200
250
-40 -20 0 20406080 100 120
TEMPERATURE (°C)
Flag-Low Voltage
vs. Temperature
V
IN = 2.25V
R
PULL-UP = 22k
0
1
2
3
4
5
6
0.01 0.1
1
10 100 100010000
RESISTANCE (k )
Error Flag
Pull-Up Resistor
V
IN = 5V
FLAG HIGH
(OK)
FLAG LOW
(FAULT)


Similar Part No. - MIC37150-3.3WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37150-3.3BR MICREL-MIC37150-3.3BR Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
More results

Similar Description - MIC37150-3.3WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com