Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MIC37150-1.8WR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part No. MIC37150-1.8WR
Description  1.5A, Low Voltage μCap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

MIC37150-1.8WR Datasheet(HTML) 8 Page - Micrel Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
8
M9999-101907
Functional Characteristics
TIME (250µs/div.)
V
OUT = 2.5V
COUT = 10µF
Line Transient Response
3.3V
5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn