Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MIC37150-1.8WR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part No. MIC37150-1.8WR
Description  1.5A, Low Voltage μCap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37150-1.8WR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC37150-1.8WR Datasheet HTML 3Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 4Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 5Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 6Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 7Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 8Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 9Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 10Page - Micrel Semiconductor MIC37150-1.8WR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Micrel, Inc.
MIC37150/51/52/53
October 2007
7
M9999-101907
0
50
100
150
200
250
-40 -20 0 20406080 100 120
TEMPERATURE (°C)
Flag-Low Voltage
vs. Temperature
V
IN = 2.25V
R
PULL-UP = 22k
0
1
2
3
4
5
6
0.01 0.1
1
10 100 100010000
RESISTANCE (k )
Error Flag
Pull-Up Resistor
V
IN = 5V
FLAG HIGH
(OK)
FLAG LOW
(FAULT)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn