Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC72121 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC72121
Description  PLL Frequency Synthesizers for Electronic Tuning
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC72121 Datasheet HTML 2Page - Sanyo Semicon Device LC72121 Datasheet HTML 3Page - Sanyo Semicon Device LC72121 Datasheet HTML 4Page - Sanyo Semicon Device LC72121 Datasheet HTML 5Page - Sanyo Semicon Device LC72121 Datasheet HTML 6Page - Sanyo Semicon Device LC72121 Datasheet HTML 7Page - Sanyo Semicon Device LC72121 Datasheet HTML 8Page - Sanyo Semicon Device LC72121 Datasheet HTML 9Page - Sanyo Semicon Device LC72121 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
No. 5815-6/22
LC72121, 72121M, 72121V
Continued from preceding page.
Pin
Pin No.
Type
Function
Equivalent circuit
name
LC72121
Chip enable
• This pin must be set high to enable serial data input (DI) or serial
data output (DO).
CE
3
3
LC72121M
LC72121V
Input data
• Input for serial data transferred from the controller
DI
4
4
Clock
• Clock used for data synchronization for serial data input (DI) and
serial data output (DO).
CL
5
5
Output data
• Output for serial data transmitted to the controller. The content of the
data transmitted is determined by DOC0 through DOC2.
DO
6
6
Power supply
• LC72121 power supply (VDD 2.7 to 3.6 V)
• The power on reset circuit operates when power is first applied.
——
VDD
17
18
Ground
• Ground for the crystal oscillator circuit
——
VSSX
2
2
Ground
• Ground for the low-pass filter MOS transistor
——
VSSa
21
22
Ground
• Ground for the LC72121 digital systems other than those that use
VSSa or VSSX.
——
VSSd
14
15
I/O port
• Shared function I/O ports
• The pin function is determined by IOC1 and IOC2 in the serial data.
When the data value 0: Input port
When the data value 1: Output port
• When specified to function as an input port:
The input pin state is reported to the controller through the DO pin.
When the input state is low: The data will be 0:
When the input state is high: The data will be 1:
• When specified to function as an output port:
The output state is determined by IO1 and IO2 in the serial data.
When the data value is 0: The output state will be the open circuit
state.
When the data value is 1: The output state will be a low level.
• These pins are set to input mode after a power on reset.
IO1
IO2
11
13
11
14
Output port
• Output-only ports
• The output state is determined by BO1 through BO4 in the serial
data.
When the data value is 0: The output state will be the open circuit
state.
When the data value is 1: The output state will be a low level.
• A time base signal (8 Hz) is output from BO1 when TBC in the serial
data is set to 1.
BO1
BO2
BO3
BO4
7
8
9
10
7
8
9
10
Charge pump
output
• PLL charge pump output
A high level is output when the frequency of the local oscillator signal
divided by N is higher than the reference frequency, and a low level
is output when that frequency is lower. This pin goes to the high-
impedance state when the frequencies match.
PD
18
19
Low-pass filter
amplifier
transistor
• Connections for the MOS transistor used for the PLL active low-pass
filter.
AIN
AOUT
19
20
20
21
IF counter
• The input frequency range is 0.4 to 12 MHz
• The signal is passed directly to the IF counter.
• The result is output, MSB first, through the DO pin.
• Four measurement periods are supported: 4, 8, 32, and 64 ms.
IFIN
12
13
12
23
NC
NC pin
• No connection
——


Similar Part No. - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
More results

Similar Description - LC72121

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com