Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66356C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC66356C
Description  Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66356C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC66356C Datasheet HTML 1Page - Sanyo Semicon Device LC66356C Datasheet HTML 2Page - Sanyo Semicon Device LC66356C Datasheet HTML 3Page - Sanyo Semicon Device LC66356C Datasheet HTML 4Page - Sanyo Semicon Device LC66356C Datasheet HTML 5Page - Sanyo Semicon Device LC66356C Datasheet HTML 6Page - Sanyo Semicon Device LC66356C Datasheet HTML 7Page - Sanyo Semicon Device LC66356C Datasheet HTML 8Page - Sanyo Semicon Device LC66356C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
22897HA (OT) No. 5486-1/26
Preliminary
LC66E2316
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Four-Bit Single-Chip Microcontroller
with 16 KB of On-Chip EPROM
CMOS LSI
Overview
The LC66E2316 is an on-chip EPROM version of the
LC6623XX Series CMOS 4-bit single-chip micro-
controllers. The LC66E2316 provides the same functions
as the LC662316A, and is pin compatible with that
product. Since the LC66E2316 is provided in a window
package, it can be reprogrammed repeatedly and is thus
optimal for program development.
Features and Functions
• On-chip EPROM capacity of 16 kilobytes, and an on-
chip RAM capacity of 512
× 4 bits.
• Fully supports the LC66000 Series common instruction
set (128 instructions).
• I/O ports: 36 pins
• DTMF generator
This microcontroller incorporates a circuit that can
generate two sine wave outputs, DTMF output, or a
melody output for software applications.
• 8-bit serial interface: one circuit
• Instruction cycle time: 0.95 to 10 µs (at 4.5 to 5.5 V)
• Powerful timer functions and prescalers
— Time limit timer, event counter, pulse width
measurement, and square wave output using a 12-bit
timer.
— Time limit timer, event counter, PWM output, and
square wave output using an 8-bit timer.
— Time base function using a 12-bit prescaler.
• Powerful interrupt system with 10 interrupt factors and
7 interrupt vector locations.
— External interrupts: 3 factors/3 vector locations
— Internal interrupts: 4 factors/4 vector locations
(Waveform output internal interrupts: 3 factors and
1 vector; shared with external expansion interrupts)
• Flexible I/O functions
Selectable options include 20-mA drive outputs, inverter
circuits, pull-up and open-drain circuits.
• Optional runaway detection function (watchdog timer)
• 8-bit I/O functions
• Power saving functions using halt and hold modes.
• Packages: DIC42S (window), QFC48 (window)
• Evaluation LSIs: LC66599 (evaluation chip) +
EVA800/850 - TB662YXX2
Package Dimensions
unit: mm
3127-DIC42S
0.46
37.32
0.8
1.778
21
1
22
42
SANYO: DIC42S
[LC66E2316]
unit: mm
3157-QFC48
20.0
14.0
3.0
0.35
1.0
1
12
13
24
25
36
37
48
1.5
0.15
2.2
4.2
4.77max
SANYO: QFC48
[LC66E2316]
No. 5486


Similar Part No. - LC66356C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66356C SANYO-LC66356C Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66356C SANYO-LC66356C Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66356C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC58E7008 SANYO-LC58E7008 Datasheet
486Kb / 17P
   On-Chip EPROM Microcomputer 4-Bit Single-Chip Microcontroller with LCD Driver, 16 Kbytes of EPROM and 2Kbits of RAM On-Chip
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com