Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66566A Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC66566A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66566A Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC66566A Datasheet HTML 1Page - Sanyo Semicon Device LC66566A Datasheet HTML 2Page - Sanyo Semicon Device LC66566A Datasheet HTML 3Page - Sanyo Semicon Device LC66566A Datasheet HTML 4Page - Sanyo Semicon Device LC66566A Datasheet HTML 5Page - Sanyo Semicon Device LC66566A Datasheet HTML 6Page - Sanyo Semicon Device LC66566A Datasheet HTML 7Page - Sanyo Semicon Device LC66566A Datasheet HTML 8Page - Sanyo Semicon Device LC66566A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Pin Function Overview
No. 5483-5/25
LC662304A, 662306A, 662308A, 662312A, 662316A
Pin
I/O
Overview
Output driver type
Options
State after a Standby mode
reset
operation
P00
P01
P02
P03
P10
P11
P12
P13
P20/SI0
P21/SO0
P22/SCK0
P23/INT0
P30/INT1
P31/POUT0
P32/POUT1
P33/HOLD
P40/INV0I
P41/INV0O
P42/INV1I
P43/INV1O
I/O ports P00 to P03
• Input or output in 4-bit or 1-bit units
• P00 to P03 support the halt mode
control function (This function can be
specified in bit units.)
I/O ports P10 to P13
Input or output in 4-bit or 1-bit units
I/O ports P20 to P23
• Input or output in 4-bit or 1-bit units
• P20 is also used as the serial input SI0
pin.
• P21 is also used as the serial output
SO0 pin.
• P22 is also used as the serial clock
SCK0 pin.
• P23 is also used as the INT0 interrupt
request pin, and also as the timer 0
event counting and pulse width
measurement input.
I/O ports P30 to P32
• Input or output in 3-bit or 1-bit units
• P30 is also used as the INT1 interrupt
request.
• P31 is also used for the square wave
output from timer 0.
• P32 is also used for the square wave
and PWM output from timer 1.
• P31 and P32 also support 3-state
outputs.
Hold mode control input
• Hold mode is set up by the HOLD
instruction when HOLD is low.
• In hold mode, the CPU is restarted by
setting HOLD to the high level.
• This pin can be used as input port P33
along with P30 to P32.
• When the P33/HOLD pin is at the low
level, the CPU will not be reset by a
low level on the RES pin. Therefore,
applications must not set P33/HOLD
low when power is first applied.
I/O ports P40 to P43
• Input or output in 4-bit or 1-bit units
• Input or output in 8-bit units when used
in conjunction with P50 to P53.
• Can be used for output of 8-bit ROM
data when used in conjunction with
P50 to P53.
• Dedicated inverter circuit (option)
I/O
I/O
I/O
I/O
I
I/O
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Nch: +12-V handling when
OD option selected
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Nch: +12-V handling when
OD option selected
• Pch: Pull-up MOS type
• CMOS type when the inverter
circuit option is selected
• Nch: Intermediate sink current
type
• Pull-up MOS or
Nch OD output
• Output level on
reset
• Pull-up MOS or
Nch OD output
• Output level on
reset
CMOS or Nch OD
output
CMOS or Nch OD
output
• Pull-up MOS or
Nch OD output
• Output level on
reset
• Inverter circuit
High or low
(option)
High or low
(option)
H
H
High or low
or inverter
I/O (option)
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Output off
Hold mode:
Port output
off, inverter
output off
Halt mode:
Port output
retained,
inverter
output
continues
Halt mode:
Output
retained
Halt mode:
Output
retained
Halt mode:
Output
retained
Halt mode:
Output
retained
Continued on next page.


Similar Part No. - LC66566A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66566A SANYO-LC66566A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66566A SANYO-LC66566A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66566A SANYO-LC66566A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66566A SANYO-LC66566A Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66566A SANYO-LC66566A Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66566A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com