Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66358S Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC66358S
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66358S Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC66358S Datasheet HTML 6Page - Sanyo Semicon Device LC66358S Datasheet HTML 7Page - Sanyo Semicon Device LC66358S Datasheet HTML 8Page - Sanyo Semicon Device LC66358S Datasheet HTML 9Page - Sanyo Semicon Device LC66358S Datasheet HTML 10Page - Sanyo Semicon Device LC66358S Datasheet HTML 11Page - Sanyo Semicon Device LC66358S Datasheet HTML 12Page - Sanyo Semicon Device LC66358S Datasheet HTML 13Page - Sanyo Semicon Device LC66358S Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Continued from preceding page.
No. 5483-10/25
LC662304A, 662306A, 662308A, 662312A, 662316A
ROM area
Bit
Option specified
Option/data relationship
7
6
Unused
This bit must be set to 0.
5
3FF7H
4
3
PC3
Output type
0 = OD, 1 = PU
2
PC2
1
Unused
This bit must be set to 0.
0
7
ML disabled option
0 = disabled, 1 = enabled
6
Unused
This bit must be set to 1.
5
Unused
This bit must be set to 1.
3FF8H
4
PD3
Inverter output
0 = inverter output, 1 = none
3
PD1
2
Unused
This bit must be set to 1.
1
P43
Inverter output
0 = inverter output, 1 = none
0
P41
7
6
Unused
This bit must be set to 0.
5
3FF9H
4
3
2
Unused
This bit must be set to 0.
1
0
7
6
Unused
This bit must be set to 0.
5
3FFAH
4
3
2
Unused
This bit must be set to 0.
1
0
7
6
Unused
This bit must be set to 0.
5
3FFBH
4
3
2
Unused
This bit must be set to 0.
1
0
7
6
Unused
This bit must be set to 0.
5
3FFCH
4
3
2
Unused
This bit must be set to 0.
1
0
7
6
5
3FFDH
4
Reserved. Must be set to predefined data values.
This data is generated by the assembler.
3
If the assembler is not used, set this data to ‘00’.
2
1
0
Continued on next page.


Similar Part No. - LC66358S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66358S SANYO-LC66358S Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66358S SANYO-LC66358S Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66358S SANYO-LC66358S Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66358S SANYO-LC66358S Datasheet
465Kb / 19P
   4-bit Microcontroller with Built-in PROM??????
LC66358S SANYO-LC66358S Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66358S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com