Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC22400 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC22400
Description  4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22400 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC22400_10 Datasheet HTML 1Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 2Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 3Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 4Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 5Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 6Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 7Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 8Page - Micrel Semiconductor MIC22400_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MIC22400
witch Synchronous
ith Frequency
Programmable up to 4MHz
4A Integrated S
Buck Regulator w
Ramp Control is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC22400 is a high-efficiency, 4A integrated
switch synchronous buck (step-down) regulator. The
MIC22400 is optimized for highest efficiency, achieving
over 90% efficiency while still switching at 1MHz over a
broad load range. The ultra-high-speed control loop keeps
the output voltage within regulation even under extreme
transient load swings commonly found in FPGAs and low-
voltage ASICs. The output voltage can be adjusted down
to 0.7V to address all low-voltage power needs. The
MIC22400 gives a full range of sequencing and tracking
options. The EN/DLY pin combined with the Power-On-
Reset (POR) pin allows multiple outputs to be sequenced
in any way on turn-on and turn-off. The Ramp Control™
(RC) pin allows the device to be connected to another
MIC22400 family of products to keep the output voltages
within a certain ΔV on start up.
The MIC22400 is available in a 20-pin 3mm x 4mm MLF
®
and thermally enhanced 20-pin e-TSSOP with a junction
operating range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.6V to 5.5V
• Output voltage adjustable down to 0.7V
• Output load current up to 4A
• Full sequencing and tracking ability
• Power-On-Reset (POR)
• Efficiency > 90% across a broad load range
• Programmable frequency 300kHz to 4MHz
• Easy Ramp Control™ (RC) compensation
• Ultra fast transient response
• 100% maximum duty cycle
• Fully-integrated MOSFET switches
• Micropower shutdown
• Thermal shutdown and current-limit protection
• 20-pin 3mm x 4mm MLF®
• 20-pin e-TSSOP
• –40°C to +125°C junction temperature range
Applications
• High power density point-of-load conversion
• Servers and routers
• DVD recorders
• Computing peripherals
• Base stations
• FPGAs, DSP and low-voltage ASIC power
Typical Application
MIC22400 4A Synchronous Buck Regulator
Sequencing & Tracking
December 2010
M9999-120310-F


Similar Part No. - MIC22400_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
More results

Similar Description - MIC22400_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC22400 MICREL-MIC22400 Datasheet
1,018Kb / 19P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22400 MICREL-MIC22400_11 Datasheet
1Mb / 28P
   4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
MIC22200 MICREL-MIC22200 Datasheet
1Mb / 22P
   2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
MIC22950 MICREL-MIC22950 Datasheet
1Mb / 22P
   10A Integrated Switch Synchronous Buck Regulator with Frequency Programmable to 2MHz
MIC22405 MICREL-MIC22405 Datasheet
1Mb / 30P
   4A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL97656 RENESAS-ISL97656 Datasheet
617Kb / 9P
   Step-Up Regulator with 4A Integrated Switch
logo
International Rectifier
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com