Electronic Components Datasheet Search |
|
LC66P5316 Datasheet(PDF) 7 Page - Sanyo Semicon Device |
|
LC66P5316 Datasheet(HTML) 7 Page - Sanyo Semicon Device |
7 / 27 page Continued from preceding page. Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD. CMOS output: Complementary output. OD output: Open-drain output. No. 5488-7/27 LC66E5316 Continued on next page. Pin I/O Overview Output driver type Options State after a Standby mode reset operation P80/DS0 P81/DS1 P82 P83 PC0 PC1 PC2/INV2I/ CE PC3/INV2O/ DASEC PD0/AN1/ INV3I PD1/AN2/ INV3O PD2/AN3/ INV4I PD3/AN4/ INV4O PE0/XT1 PE1/XT2 OSC1 OSC2 RES/VPP/ OE TEST/ EPMOD VDD VSS Dedicated output ports P80 to P83 • Output in 4-bit or 1-bit units • The contents of the output latch are input using input instructions. • P80 is a data shaper input (options) • P81 is a data shaper output (options) I/O ports PC0 to PC3 • Output in 4-bit or 1-bit units • Dedicated inverter circuits (option) • Used as the control CE and DASEC pin in EPROM mode. Dedicated input ports PD0 to PD3 • Can be switched in software to function as 16-value analog inputs. • Dedicated inverter circuits (option) Dedicated input ports and sub-oscillator connections System clock oscillator connections When an external clock is used, leave OSC2 open and connect the clock signal to OSC1. System reset input • When the P33/HOLD pin is at the high level, a low level input to the RES pin will initialize the CPU. • Used as the VPP/OE pin in EPROM mode. CPU test pin This pin must be connected to VSS during normal operation. Power supply pins O I/O I I I O I I • Pch: CMOS type • Nch: Intermediate sink current type • Pch: CMOS type • Nch: Intermediate sink current type • Only when the inverter circuit option is selected: • Pch: CMOS type • Nch: Intermediate sink current type • CMOS or Pch OD output • Output level at reset • Data shaper circuit • CMOS or Nch OD output • Inverter circuits Inverter circuits Sub-oscillator/port PE selection Ceramic oscillator or external clock selection High or low (option) H Normal input Option selection Option selection Hold mode: Output off Halt mode: Output retained Inverter • Hold mode: Output off • Halt mode: Output continues Hold OSC stop Halt OSC cont Hold mode: Output off Halt mode: Output retained |
Similar Part No. - LC66P5316 |
|
Similar Description - LC66P5316 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |