Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5255-3.3YM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5255-3.3YM5
Description  150mA Low Noise Cap CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-3.3YM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5255-3.3YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-3.3YM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC5255
November 2006
4
M9999-110906
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................. 0V to +7V
Enable Voltage (VEN)............................................ 0V to +7V
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–60°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
EDS Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)........................................ +2.7V to +6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Thermal Resistance
SOT23-5 (
θJA) ..................................................235°C/W
2x2 MLF-6 (
θJA) .................................................90°C/W
Electrical Characteristics
(5)
VIN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VO
Output Voltage Accuracy
IOUT = 100µA
–1
–2
1
2
%
%
∆VLNR
Line Regulation
VIN = VOUT + 1V to 6V
0.02
0.05
%/V
∆VLDR
Load Regulation
IOUT = 0.1mA to 150mA
(6)
1.5
2.5
%
IOUT = 100µA
0.1
5
mV
IOUT = 100mA
90
150
mV
VIN – VOUT
Dropout Voltage
(7)
IOUT = 150mA
135
200
250
mV
mV
IQ
Quiescent Current
VEN ≤ 0.4V (shutdown)
0.2
1
µA
IOUT = 0mA
90
150
µA
IGND
Ground Pin Current
(8)
IOUT = 150mA
117
µA
f = 10Hz, COUT = 1.0µF, CBYP = 0.01µF
60
dB
f = 100Hz, VIN = VOUT +1
60
dB
PSRR
Ripple Rejection
f = 10kHz, VIN = VOUT +1
50
dB
ILIM
Current Limit
VOUT = 0V
160
425
mV
en
Output Voltage Noise
COUT = 1.0µF, CBYP = 0.01µF,
f = 10Hz to 100kHz
30
µV(rms)
Enable Input
VIL
Enable Input Logic-Low Voltage
VIN = 2.7V to 5.5V, regulator shutdown
0.4
V
VIH
Enable Input Logic-High Voltage
VIN = 2.7V to 5.5V, regulator enabled
1.6
V
VIL ≤ 0.4V, regulator shutdown
0.01
µA
IEN
Enable Input Current
VIH ≥ 1.6V, regulator enabled
0.01
µA
Shutdown Resistance Discharge
500
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C


Similar Part No. - MIC5255-3.3YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-3.3YM5 MICREL-MIC5255-3.3YM5 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
More results

Similar Description - MIC5255-3.3YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com