Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK0202DSP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0202DSP
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0202DSP Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0202DSP Datasheet HTML 1Page - Renesas Technology Corp RJK0202DSP Datasheet HTML 2Page - Renesas Technology Corp RJK0202DSP Datasheet HTML 3Page - Renesas Technology Corp RJK0202DSP Datasheet HTML 4Page - Renesas Technology Corp RJK0202DSP Datasheet HTML 5Page - Renesas Technology Corp RJK0202DSP Datasheet HTML 6Page - Renesas Technology Corp RJK0202DSP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0202DSP
Preliminary
R07DS0238EJ0220 Rev.2.20
Page 3 of 6
Jan 05, 2011
Main Characteristics
Ambient Temperature Ta (°C)
Power vs. Temperature Derating
4.0
3.0
2.0
1.0
0
50
100
150
200
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Note 5 : When using the glass epoxy board
(FR4 40x40x1.6 mm)
100
10
1
0.1
0.01
0.1
0.3
1
3
10
30
100
500
Ta = 25°C
1 shot Pulse
PW
= 10
ms
10
μs
100
μs
Operation in
this area is
limited by RDS(on)
Note
5
DC
Operation
(PW
< 10
s)
1 ms
Drain to Source Voltage VDS (V)
Typical Output Characteristics
20
16
12
8
4
0
24
6
8
10
V
= 1.3 V
GS
10, 4.5 V
Pulse Test
1.5 V
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
20
16
12
8
4
0
12
3
4
5
Tc = 75°C
25°C
–25°C
VDS = 10 V
Pulse Test
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
200
160
120
80
40
0
4
8
12
16
20
Pulse Test
ID = 10 A
2 A
5 A
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
20
10
2
5
1
1
10
100
1000
100
50
V
= 2.5 V
GS
4.5 V
Pulse Test
1.4 V


Similar Part No. - RJK0202DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0204DPA RENESAS-RJK0204DPA Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0204DPA-00-J53 RENESAS-RJK0204DPA-00-J53 Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
RJK0204DPA-00-J5A RENESAS-RJK0204DPA-00-J5A Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0206DPA RENESAS-RJK0206DPA Datasheet
85Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK0202DSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com