Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RJH60F7ADPK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RJH60F7ADPK
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RJH60F7ADPK Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RJH60F7ADPK
Preliminary
R07DS0237EJ0300 Rev.3.00
Page 2 of 7
Jan 05, 2011
Electrical Characteristics
(Tj = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
100
A
VCE = 600V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
4
8
V
VCE = 10V, IC = 1 mA
VCE(sat)
1.35
1.75
V
IC = 50 A, VGE = 15V
Note3
Collector to emitter saturation voltage
VCE(sat)
1.6
V
IC = 90 A, VGE = 15V
Note3
Input capacitance
Cies
4700
pF
Output capacitance
Coes
198
pF
Reverse transfer capacitance
Cres
83
pF
VCE = 25 V
VGE = 0 V
f = 1 MHz
td(on)
63
ns
tr
81
ns
td(off)
142
ns
Switching time
tf
74
ns
IC = 30 A,
VCE = 400 V, VGE = 15 V
Rg = 5
Note3
Inductive load
C-E diode forward voltage
VECF1
1.6
2.1
V
IF = 20 A
Note3
C-E diode reverse recovery time
trr
140
ns
IF = 20 A
diF/dt = 100 A/s
Notes: 3. Pulse test


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn