Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RJH60F7ADPK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. RJH60F7ADPK
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RJH60F7ADPK Datasheet(HTML) 6 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RJH60F7ADPK
Preliminary
R07DS0237EJ0300 Rev.3.00
Page 6 of 7
Jan 05, 2011
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width (IGBT)
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width (Diode)
0.01
0.1
10
1
10
μ
100
μ
1 m
10 m
100 m
1
10
PDM
PW
T
D =
PW
T
θj – c(t) = γs (t) • θj – c
θj – c = 0.38°C/W, Tc = 25°C
Tc = 25
°C
0.01
1
0.1
10
10
μ
100
μ
1 m
10 m
100 m
1
10
PDM
PW
T
D =
PW
T
θj – c(t) = γs (t) • θj – c
θj – c = 2°C/W, Tc = 25°C
0.05
0.2
0.1
0.5
D = 1
0.02
Tc = 25
°C
0.01
1 shot pulse
0.05
0.2
0.1
0.5
D = 1
0.02
0.01
1 shot pulse
Switching Time Test Circuit
Switching Time Test Circuit
Waveform
Diode clamp
D.U.T
Rg
L
VCC
td(off)
toff
ton
td(on)
tf
tr
ttail
90%
90%
90%
10%
10%
10%
10%
1%
VGE
IC
VCE


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn