Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5236-3.3YM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5236-3.3YM
Description  Low Quiescent Current 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-3.3YM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5236-3.3YM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 9Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 10Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 11Page - Micrel Semiconductor MIC5236-3.3YM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC5236
Micrel, Inc.
MIC5236
10
July 2005
COUT
VOUT
VIN
5V
VERR
IN
MIC5236
EN
200k
1N4148
200k
4.7µF
OUT
GND
SHUTDOWN
ENABLE
ERR
Figure 4. Remote Enable with Short-Circuit
Current Foldback
Thermal Characteristics
The MIC5236 is a high input voltage device, intended to
provide 150mAof continuous output current in two very small
profile packages. The power SOIC-8 and power MSOP-8 al-
low the device to dissipate about 50% more power than their
standard equivalents.
Power SOIC-8 Thermal Characteristics
One of the secrets of the MIC5236’s performance is its power
SO-8 package featuring half the thermal resistance of a
standard SO-8 package. Lower thermal resistance means
more output current or higher input voltage for a given pack-
age size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a single-
piece electrical and thermal conductor. This concept has
been used by MOSFET manufacturers for years, proving
very reliable and cost effective for the user.
Thermal resistance consists of two main elements, θJC (junc-
tion-to-case thermal resistance) and θCA (case-to-ambient
thermal resistance). See Figure 5. θJC is the resistance from
the die to the leads of the package. θCA is the resistance
from the leads to the ambient air and it includes θCS (case-
to-sink thermal resistance) and θSA(sink-to-ambient thermal
resistance).
qJA
qJC
qCA
printed circuit board
ground plane
heat sink area
SOP-8
AMBIENT
Figure 5. Thermal Resistance
Using the power SOIC-8 reduces the θJC dramatically and
allows the user to reduce θCA. The total thermal resistance,
θJA (junction-to-ambient thermal resistance) is the limiting
factor in calculating the maximum power dissipation capabil-
ity of the device. Typically, the power SOIC-8 has a θJC of
20°C/W, this is significantly lower than the standard SOIC-8
which is typically 75°C/W. θCA is reduced because pins 5
through 8 can now be soldered directly to a ground plane
whichsignificantlyreducesthecase-to-sinkthermalresistance
and sink to ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125°C. It is important not to
exceed this maximum junction temperature during operation
of the device. To prevent this maximum junction temperature
from being exceeded, the appropriate ground plane heat sink
must be used.
0
100
200
300
400
500
600
700
800
900
0 0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
Figure 6. Copper Area vs. Power-SOIC
Power Dissipation (∆TJA)
Figure 6 shows copper area versus power dissipation with
each trace corresponding to a different temperature rise
above ambient.
Fromthesecurves,theminimumareaofcoppernecessaryfor
the part to operate safely can be determined. The maximum
allowable temperature rise must be calculated to determine
operation along which curve.
ΔT = TJ(max) – TA(max)
TJ(max) = 125°C
TA(max) = maximum ambient operating temperature
For example, the maximum ambient temperature is 50°C,
the ΔT is determined as follows:
ΔT = 125°C – 50°C
ΔT = 75°C
Using Figure 6, the minimum amount of required copper can
bedeterminedbasedontherequiredpowerdissipation.Power
dissipation in a linear regulator is calculated as follows:
PD = (VIN – VOUT) IOUT + VIN·IGND
If we use a 3V output device and a 28V input at moderate
output current of 25mA, then our power dissipation is as
follows:
PD = (28V – 3V) × 25mA + 28V × 250µA
PD = 625mW + 7mW
PD = 632mW
From Figure 6, the minimum amount of copper required to
operate this application at a ΔT of 75°C is 25mm2.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 7, which shows safe
operating curves for three different ambient temperatures:


Similar Part No. - MIC5236-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-3.3BM MICREL-MIC5236-3.3BM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5236-3.3BMM MICREL-MIC5236-3.3BMM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5236-3.3YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Micrel Semiconductor
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com