Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5238-1.3YD5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5238-1.3YD5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5238-1.3YD5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5238-1.3YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5238-1.3YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC5238
November 2008
2
M9999-111209
Ordering Information
Part Number
Standard
Marking Code
Pb-Free
Marking Code*
Voltage**
Junction
Temp. Range
Package
MIC5238-1.0BM5
L410
MIC5238-1.0YM5
L410
1.0V
–40° to +125°C
SOT-23-5
MIC5238-1.1BM5
L411
MIC5238-1.1YM5
L411
1.1V
–40° to +125°C
SOT-23-5
MIC5238-1.3BM5
L413
MIC5238-1.3YM5
L413
1.3V
–40° to +125°C
SOT-23-5
MIC5238-1.0BD5
N410
MIC5238-1.0YD5
N410
1.0V
–40° to +125°C
TSOT-23-5
MIC5238-1.1BD5
N411
MIC5238-1.1YD5
N411
1.1V
–40° to +125°C
TSOT-23-5
MIC5238-1.3BD5
N413
MIC5238-1.3YD5
N413
1.3V
–40° to +125°C
TSOT-23-5
Notes:
* Under bar symbol ( _ ) may not be to scale.
** Other voltage options available. Contact Micrel Marketing for details.
Pin Configuration
5-Pin SOT-23 (M5)
5-Pin Thin SOT-23 (D5)
Pin Description
Pin Number
Pin Name
Pin Function
1
IN
Supply Input
2
GND
Ground
3
EN
Enable (Input): Logic Low = shutdown; Logic High = enable. Don not leave
open.
4
BIAS
Bias Supply Input
5
OUT
Regulator Output


Similar Part No. - MIC5238-1.3YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238-1.3BD5 MICREL-MIC5238-1.3BD5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238-1.3BM5 MICREL-MIC5238-1.3BM5 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
More results

Similar Description - MIC5238-1.3YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com