Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5245-3.1BM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5245-3.1BM5
Description  150mA 關Cap CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5245-3.1BM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5245-3.1BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5245-3.1BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MIC5245
Micrel
August 2002
5
MIC5245
85
90
95
0.1
1
10
100
500
LOAD CURRENT (mA)
Ground Pin Current
V
IN = 4V
V
OUT = 3V
0
50
100
150
200
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Ground Pin Current
V
IN = 4V
V
OUT = 3V
I
OUT = 100µA
50
75
100
125
150
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Ground Pin Current
V
IN = 4V
V
OUT = 3V
I
OUT = 150mA
0
25
50
75
100
012345
INPUT VOLTAGE (V)
Ground Pin Current
V
OUT = 3V
I
OUT = 100µA
0
25
50
75
100
012345
INPUT VOLTAGE (V)
Ground Pin Current
V
OUT = 3V
I
OUT = 150mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
012345
INPUT VOLTAGE (V)
Dropout Characteristics
V
OUT = 3V
R
L = 30Ω
R
L = 30kΩ
0
2
4
6
8
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Dropout Voltage
I
LOAD = 100µA
0
50
100
150
200
250
300
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Dropout Voltage
I
L = 150mA
0
50
100
150
200
250
300
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
T
A = 25°C
T
A = -40°C
T
A = 125°C
0
100
200
300
400
500
600
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Short Circuit Current
V
IN = 3.5V
V
EN = 3V
2.85
2.90
2.95
3.00
3.05
-50
0
50
100
150
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
V
IN = 4V
TYPICAL 3V DEVICE
I
LOAD = 100µA


Similar Part No. - MIC5245-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245-3.1BM5 MICREL-MIC5245-3.1BM5 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
More results

Similar Description - MIC5245-3.1BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com