Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5239-2.5BM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5239-2.5BM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239-2.5BM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5239-2.5BM Datasheet HTML 5Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 6Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 7Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 8Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 9Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 10Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 11Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 12Page - Micrel Semiconductor MIC5239-2.5BM Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Micrel
MIC5239
December 2007
9
M9999-121007
Application Information
The MIC5239 provides all of the advantages of the
MIC2950: wide input voltage range, and reversed-
battery protection, with the added advantages of
reduced quiescent current and smaller package.
Additionally, when disabled, quiescent current is reduced
to 0.1µA.
Enable
A low on the enable pin disables the part, forcing the
quiescent current to less than 0.1µA. Thermal shutdown
and the error flag are not functional while the device is
disabled. The maximum enable bias current is 2µA for a
2.0V input. An open-collector pull-up resistor tied to the
input voltage should be set low enough to maintain 2V
on the enable input. Figure 1 shows an open-collector
output driving the enable pin through a 200kΩ pull-up
resistor tied to the input voltage.
In order to avoid output oscillations, slow transitions from
low-to-high should be avoided.
C
V
V
5V
V
IN
MIC5239
EN
200k
200k
OUT
GND
FLG
Figure 1. Remote Enable
Input Capacitor
An input capacitor may be required when the device is
not near the source power supply or when supplied by a
battery. Small, surface mount ceramic capacitors can be
used for bypassing. Larger values may be required if the
source supply has high ripple.
Output Capacitor
The MIC5239 has been designed to minimize the effect
of the output capacitor ESR on the closed loop stability.
As a result, ceramic or film capacitors can be used at the
output. Figure 2 displays a range of ESR values for a
10µF capacitor. Virtually any 10µF capacitor with an
ESR less than 3.4Ω is sufficient for stability over the
entire input voltage range. Stability can also be
maintained throughout the specified load and line
conditions with 4.7µF film or ceramic capacitors.
Figure 2. Output Capacitor ESR
Error Detection Comparator Output
The FLAG pin is an open-collector output which goes
low when the output voltage drops 5% below it’s
internally programmed level. It senses conditions such
as excessive load (current limit), low input voltage, and
over temperature conditions. Once the part is disabled
via the enable input, the error flag output is not valid.
Overvoltage conditions are not reflected in the error flag
output. The error flag output is also not valid for input
voltages less than 2.3V.
The error output has a low voltage of 400mV at a current
of 200µA. In order to minimize the drain on the source
used for the pull-up, a value of 200kΩ to 1MΩ is
suggested for the error flag pull-up. This will guarantee a
maximum low voltage of 0.4V for a 30V pull-up potential.
An unused error flag can be left unconnected.
NOT
VALID
NOT
VALID
VALID ERROR
Error FLAG
Output
Input
Voltage
Output
Voltage
4.75V
0V
0V
5V
1.3V
Figure 3. Error FLAG Output Timing
Thermal Shutdown
The MIC5239 has integrated thermal protection. This
feature is only for protection purposes. The device
should never be intentionally operated near this
temperature as this may have detrimental effects on the
life of the device. The thermal shutdown may become
inactive while the enable input is transitioning from a
high to a low. When disabling the device via the enable
pin, transition from a high to low quickly. This will insure
that the output remains disabled in the event of a
thermal shutdown.


Similar Part No. - MIC5239-2.5BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239-3.0BM MICREL-MIC5239-3.0BM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BMM MICREL-MIC5239-3.0BMM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BS MICREL-MIC5239-3.0BS Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results

Similar Description - MIC5239-2.5BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com