Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5245-2.5BM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5245-2.5BM5
Description  150mA 關Cap CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5245-2.5BM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5245-2.5BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5245-2.5BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MIC5245
Micrel
August 2002
3
MIC5245
Electrical Characteristics (Note 7)
V
IN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Conditions
Min
Typical
Max
Units
V
O
Output Voltage Accuracy
I
OUT = 0mA
–11
%
–22
%
∆V
LNR
Line Regulation
V
IN = VOUT + 0.1V to 6V
–0.3
0
0.3
%/V
∆V
LDR
Load Regulation
I
OUT = 0.1mA to 150mA, Note 4
2.0
3.0
%
V
IN – VOUT
Dropout Voltage, Note 5
I
OUT = 100µA
1.5
5
mV
I
OUT = 50mA
50
85
mV
I
OUT = 100mA
100
150
mV
I
OUT = 150mA
150
200
mV
250
mV
I
Q
Quiescent Current
V
EN ≤ 0.4V (shutdown)
0.2
1
µA
I
GND
Ground Pin Current, Note 6
I
OUT = 0mA
100
150
µA
I
OUT = 150mA
100
µA
PSRR
Power Supply Rejection
f = 120Hz, C
OUT = 10µF, CBYP = 0.01µF50
dB
I
LIM
Current Limit
V
OUT = 0V
160
300
mA
e
n
Output Voltage Noise
C
OUT = 10µF, CBYP = 0.01µF,
30
µV(rms)
f = 10Hz to 100kHz
Enable Input
V
IL
Enable Input Logic-Low Voltage
V
IN = 2.7V to 5.5V, regulator shutdown
0.8
0.4
V
V
IH
Enable Input Logic-High Voltage
V
IN = 2.7V to 5.5V, regulator enabled
2.0
1V
I
EN
Enable Input Current
V
IL ≤ 0.4V
0.17
µA
V
IH ≥ 2.0V
1.5
µA
Shutdown Resistance Discharge
500
Thermal Protection
Thermal Shutdown Temperature
150
°C
Thermal Shutdown Hysteresis
10
°C
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 5.
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum
input operating voltage is 2.7V.
Note 6.
Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground
pin current.
Note 7.
Specification for packaged product only.


Similar Part No. - MIC5245-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245-2.5BM5 MICREL-MIC5245-2.5BM5 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
More results

Similar Description - MIC5245-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com