Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC66354S Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC66354S
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66354S Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC66354S Datasheet HTML 5Page - Sanyo Semicon Device LC66354S Datasheet HTML 6Page - Sanyo Semicon Device LC66354S Datasheet HTML 7Page - Sanyo Semicon Device LC66354S Datasheet HTML 8Page - Sanyo Semicon Device LC66354S Datasheet HTML 9Page - Sanyo Semicon Device LC66354S Datasheet HTML 10Page - Sanyo Semicon Device LC66354S Datasheet HTML 11Page - Sanyo Semicon Device LC66354S Datasheet HTML 12Page - Sanyo Semicon Device LC66354S Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V, VDD = 2.5 to 5.5 V, unless otherwise specified.
Note: 1. Applies to pins with open-drain specifications. However, VIH2 applies to the P33/HOLD pin.
When ports P2, P3, and P6 have CMOS output specifications they cannot be used as input pins.
2. Applies to pins with open-drain specifications.
3. When RE is used as a three-value input, VIH4, VIM, and VIL4 apply. When the ports PC pins have CMOS output specifications they cannot be used
as input pins.
No. 5484-9/21
LC66354C, 66356C, 66358C
Parameter
Symbol
Conditions
min
typ
max
Unit
Note
Operating supply voltage
VDD
VDD: 0.92 ≤ Tcyc ≤ 10 µs
2.5
5.5
V
Memory retention supply voltage
VDDHVDD: During hold mode
1.8
5.5
V
V
IH1
P2, P3 (except for the P33/HOLD pin), P4, P5,
0.8 V
DD
+13.5
V
1
and P6: N-channel output transistor off
V
IH2
P33/HOLD, RES, OSC1:
0.8 V
DD
V
DD
V2
Input high-level voltage
N-channel output transistor off
V
IH3
P0, P1, PC, PD, PE:
0.8 V
DD
V
DD
V3
N-channel output transistor off
VIH4
PE: With 3-value input used, VDD = 3.0 to 5.5 V
0.8 VDD
VDD
V
Mid-level input voltage
VIM
PE: With 3-value input used, VDD = 3.0 to 5.5 V
0.4 VDD
0.6 VDD
V
V
CMM1
PD0, PC2: When the comparator input is used,
1.5
V
DD
V
Common-mode input
VDD = 3.0 to 5.5 V
voltage range
V
CMM2
PD1, PD2, PD3, PC3: When the comparator
V
SS
V
DD – 1.5
V
input is used, VDD = 3.0 to 5.5 V
V
IL1
P2, P3 (except for the P33/HOLD pin), P5, P6,
0.2 V
DD
V2
RES, and OSC1: N-channel output transistor off
Input low-level voltage
VIL2
P33/HOLD: VDD = 1.8 to 5.5 V
0.2 VDD
V
V
IL3
P0, P1, P4, PC, PD, PE, TEST:
V
SS
0.2 V
DD
V3
N-channel output transistor off
VIL4
PE: With 3-value input used, VDD = 3.0 to 5.5 V
VSS
0.2 VDD
V
Operating frequency
fop
0.4
4.35
MHz
(instruction cycle time)
(Tcyc)
(10)
(0.92)
(µs)
[External clock input conditions]
OSC1: Defined by Figure 1. Input the clock
Frequency
f
ext
signal to OSC1 and leave OSC2 open.
0.4
4.35
MHz
(External clock input must be selected as the
oscillator circuit option.)
OSC1: Defined by Figure 1. Input the clock
Pulse width
t
extH, textL
signal to OSC1 and leave OSC2 open.
100
ns
(External clock input must be selected as the
oscillator circuit option.)
OSC1: Defined by Figure 1. Input the clock
Rise and fall times
t
extR, textF
signal to OSC1 and leave OSC2 open.
30
ns
(External clock input must be selected as the
oscillator circuit option.)


Similar Part No. - LC66354S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354S SANYO-LC66354S Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66354S SANYO-LC66354S Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66354S SANYO-LC66354S Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354S SANYO-LC66354S Datasheet
465Kb / 19P
   4-bit Microcontroller with Built-in PROM??????
LC66354S SANYO-LC66354S Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66354S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com