Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5233-2.5YM5 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5233-2.5YM5
Description  High Input Voltage Low IQ 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5233-2.5YM5 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5233-2.5YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5233-2.5YM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel, Inc.
MIC5233
September 2009
3
M9999-092109
Absolute Maximum Ratings
(1)
Input Supply Voltage ........................................ –20V to 38V
Enable Input Voltage....................................... –0.3V to 38V
Power Dissipation .....................................Internally Limited
Junction Temperature ...............................–40°C to +125°C
Storage Temperature ................................–65°C to +150°C
ESD Rating, Note 3
Operating Ratings
(2)
Input Supply Voltage ........................................ 2.3V to 36V
Enable Input Voltage............................................ 0V to 36V
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
SOT-23-5
JA)
........................................................................... 235°C/W
Electrical Characteristics
(4)
TA = 25°C with VIN = VOUT + 1V; IOUT = 100µA; VEN ≥ 2V; Bold values indicate –40°C<TJ<+125°C; unless otherwise
specified.
Parameter
Condition
Min
Typ
Max
Units
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
Line Regulation
VIN = VOUT + 1V to 36V
0.04
0.5
%
Load Regulation
IOUT = 100µA to 100mA
0.25
1
%
IOUT = 100µA
50
mV
230
300
mV
IOUT = 50mA
400
mV
270
400
mV
Dropout Voltage
IOUT = 100mA
450
mV
18
30
µA
IOUT = 100µA
35
µA
IOUT = 50mA
0.25
0.70
mA
Ground Current
IOUT = 100mA
1
2
mA
Ground Current in Shutdown
VEN ≤ 0.6V; VIN = 36V
0.1
1
µA
Short Circuit Current
VOUT = 0V
190
350
mA
Output Leakage, Reverse
Polarity Input
Load = 500Ω; VIN = –15V
–0.1
µA
Enable Input
Input Low Voltage
Regulator OFF
0.6
V
Input High Voltage
Regulator ON
2.0
V
VEN = 0.6V; Regulator OFF
–1.0
0.01
1.0
µA
VEN = 2.0V; Regulator ON
0.1
1.0
µA
Enable Input Current
VEN = 36V; Regulator ON
0.5
2.5
µA
Start-Up Time
Guaranteed by design
1.7
7
msec
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC5233-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-2.5YM5 MICREL-MIC5233-2.5YM5 Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
logo
Microchip Technology
MIC5233-2.5YM5-TR MICROCHIP-MIC5233-2.5YM5-TR Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
More results

Similar Description - MIC5233-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com