Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5233-3.3BM5 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5233-3.3BM5
Description  High Input Voltage Low IQ 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5233-3.3BM5 Datasheet(HTML) 8 Page - Micrel Semiconductor

  MIC5233-3.3BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5233-3.3BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Micrel, Inc.
MIC5233
September 2009
8
M9999-092109
Assuming a lower output current of 10mA, the maximum
input voltage can be recalculated:
⎟⎟
⎜⎜
+
=
2
1
REF
OUT
R
R
1
V
V
319mW = (VIN – 3V)10mA + VIN × 0.1mA
Where VREF = 1.24V.
349mW = VIN × 10.1mA
Feedback resistor R2 should be no larger than 300kΩ.
VIN = 34.9V
OUT
ADJ.
VIN
R1
R2
2.2µF
1.0µF
EN
IN
VOUT
GND
MIC5233BM5
Maximum input voltage for a 10mA load current at 50°C
ambient temperature is 34.9V, utilizing virtually the entire
operating voltage range of the device.
Adjustable Regulator Application
The MIC5233BM5 can be adjusted from 1.24V to 20V by
using two external resistors (Figure 1). The resistors set
the output voltage based on the following equation:
Figure 1.
Adjustable Voltage Application


Similar Part No. - MIC5233-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-3.3BM5 MICREL-MIC5233-3.3BM5 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
More results

Similar Description - MIC5233-3.3BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
logo
Microchip Technology
MIC5233 MICROCHIP-MIC5233 Datasheet
1Mb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision D July 2019
MIC3490 MICROCHIP-MIC3490 Datasheet
942Kb / 20P
   High Input Voltage, Low IQ μCap LDO Regulator
Revision A February 2019
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com